Electronic Components Datasheet Search |
|
P4KE82A Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP. |
|
P4KE82A Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP. |
1 / 5 page P4KE6.8 THRU P4KE440CA Features Mechanical Data · Plastic package has Underwriters Laboratory Flammability Classification 94V-0 · Glass passivated junction · 400W peak pulse power capability with a 10/100μS waveform, reptition rate(duty cycle) : 0.01% · Excellent clamping capability · Low incremental surge resistance · Fast response time : typically less than 1.0ps from 1 Volts to V(BR) for uni-directional and 5.0ns for Bi-directional types · Devices with V(BR) > 10V, ID are typically less than 1.0μA · High temperature soldering guaranteed : 265℃/10seconds, 0.375"(9.5mm) lead length, 5lbs. (2.3kg) tension Devices For Bidirectional Applications Maximum Ratings And Electrical Characteristics · For bi-directional use C or CA suffix for types P4KE7.5 thru types P4KE440CA(e.g. P4KE10C, P4KE220CA), electrical characteristics apply in both directions. · Case : DO-41 molded plastic body over passivated junction · Terminals : Solder plated axial leads, solderable per MIL-STD-750, method 2026 · Polarity : For uni-directional types the color band denotes cathode end. which is positive with respect to the anode under normal TVS operation · Mounting Position : Any · Weight : 0.012 ounce, 0.34 gram Peak power dissipation with a 10/100μS waveform (Note 1. Fig. 3) Peak pulse current with a 10/100μS waveform (Note 1) Steady state power dissipation at TL=75℃ lead length 0.375"(9.5mm) (Note2) Volts Maximum instantaneous forward voltage at 25A for unidirectional only(Note4) PM(AV) Peak forward surge current, 8.3mm single half sine-wave superimposed on rated load(JEDEC method) (Note 3) Operating junction and storage temperature range PPPM Min.400 Watts Symbols Values Units 3.5/50 VF IPPM See Table 1 Amps 1.0 IFSM TJ,TSTG 40.0 -55 to +175 ℃ Watts Amps (Ratings at 25℃ ambient temperature unless otherwise specified) Notes: (1) Non repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2 (2) Mounted on copper pads area of 1.6×1.6"(40×40mm) per Fig.5 (3) Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulse per minute maximum (4) VF=3.5 Volts max. for devices of V(BR)≤220V, and VF=5.0 Volts max. for devices of V(BR)>220V POWER 400Watts VOLTAGE 6.8 to 440 Volts Dimensions in inches and (millimeters) DO-41 1.0(25.4) MIN. 1.0(25.4) MIN. 0.205(5.2) 0.166(4.2) 0.034(0.9) 0.028(0.7) DIA. 0.107(2.7) 0.080(2.0) DIA. |
Similar Part No. - P4KE82A |
|
Similar Description - P4KE82A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |