Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B5134N-1 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B5134N-1
Description  LED GaP/GaP Bright Red Low current requirement.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B5134N-1 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-B5134N-1 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B5134N-1 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B5
51
13
34
4N
N--1
1
Ver.1.0 Page: 1 of 2
SINCE 1981
8.62(.339)
25.4(1.0) MIN.
0.5(.02)
SQ. TYP.
2.54(.10) NOM.
1.50(.059) MAX.
5.0(.197)
1.0(.04) MIN.
5.0(.197)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
Features:
Package dimensions
1. Chip material: GaP/GaP
2. Emitted color : Bright Red
3. Lens Appearance : Red Diffused
4. Low power consumption.
5. High efficiency.
6. Versatile mounting on P.C. Board or panel.
7. Low current requirement.
8. 5mm diameter package.
9. This product don’t contained restriction
substance, compliance ROHS standard.
Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
40
mW
Forward Current
IF
15
mA
Peak Forward Current*1
IFP
50
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40~80
Storage Temperature
Tstg
-40~85
Soldering Temperature
Tsol
260(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-B5134N-1

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B5134N-1 YSTONE-BL-B5134N-1 Datasheet
500Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B5134N-1-L YSTONE-BL-B5134N-1-L Datasheet
183Kb / 2P
   LOW-CURRENT LED LAMPS (ROUND TYPES)
More results

Similar Description - BL-B5134N-1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B51V1H BRIGHT-BL-B51V1H Datasheet
130Kb / 2P
   LED GaP/GaP Bright Red Low current requirement.
BL-B5134-1 BRIGHT-BL-B5134-1 Datasheet
114Kb / 2P
   LED GaP/GaP Bright Red Low current requirement.
BL-B5132 BRIGHT-BL-B5132 Datasheet
127Kb / 2P
   LED GaP/GaP Bright Red Low current requirement.
BL-B51V1T BRIGHT-BL-B51V1T Datasheet
128Kb / 2P
   LED GaP/GaP Bright Red Low current requirement.
BL-B5134N BRIGHT-BL-B5134N Datasheet
138Kb / 2P
   LED GaP/GaP Bright Red Low current requirement.
BL-B5114 BRIGHT-BL-B5114 Datasheet
138Kb / 2P
   LED GaP/GaP Bright Red Low current requirement.
BL-B5134 BRIGHT-BL-B5134 Datasheet
147Kb / 2P
   LED GaP/GaP Bright Red Low current requirement.
BL-B5330M BRIGHT-BL-B5330M Datasheet
129Kb / 2P
   LED GaP/GaP Bright Red Low current requirement.
BL-B51V1J BRIGHT-BL-B51V1J Datasheet
136Kb / 2P
   LED GaP/GaP Bright Red Low current requirement.
BL-BHG204 BRIGHT-BL-BHG204 Datasheet
135Kb / 2P
   LED GaP/GaP Bright Red and Green Low current requirement.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com