Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC344LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC344LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC344LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC344LP3_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC344LP3_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC344LP3_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC344LP3_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC344LP3_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC344LP3_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
8
8 - 189
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application
should be generated with proper RF circuit design
techniques. Signal lines at the RF port should have
50 ohm impedance and the package ground leads
and backside ground slug should be connected
directly to the ground plane similar to that shown
above. The evaluation circuit board shown above is
available from Hittite Microwave Corporation upon
request.
List of Materials for Evaluation PCB 105311 [1]
Item
Description
J1 - J7
PCB Mount SMA RF Connector
J8 - J11
DC Pin
C1 - C7
100 pF Capacitor, 0402 Pkg.
C8
10k pF Capacitor, 0603 Pkg.
U1
HMC344LP3 / HMC344LP3E
SP4T Switch
PCB [2]
104708 Evaluation PCB 1.29”x1.55”
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC344LP3 / 344LP3E
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 8.0 GHz
v05.0505


Similar Part No. - HMC344LP3_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344LP3E HITTITE-HMC344LP3E Datasheet
423Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC344LP3 HITTITE-HMC344LP3_11 Datasheet
423Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
More results

Similar Description - HMC344LP3_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3 Datasheet
224Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LC3 HITTITE-HMC344LC3 Datasheet
249Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344 HITTITE-HMC344 Datasheet
167Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC345LP3 HITTITE-HMC345LP3 Datasheet
205Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com