Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP22PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP22PW
Description  2x2 LVDS CROSSPOINT SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP22PW Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVCP22PW Datasheet HTML 1Page - Texas Instruments SN65LVCP22PW Datasheet HTML 2Page - Texas Instruments SN65LVCP22PW Datasheet HTML 3Page - Texas Instruments SN65LVCP22PW Datasheet HTML 4Page - Texas Instruments SN65LVCP22PW Datasheet HTML 5Page - Texas Instruments SN65LVCP22PW Datasheet HTML 6Page - Texas Instruments SN65LVCP22PW Datasheet HTML 7Page - Texas Instruments SN65LVCP22PW Datasheet HTML 8Page - Texas Instruments SN65LVCP22PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
THERMAL CHARACTERISTICS
0
1
0
1
OUT 0
OUT 1
EN 0
EN 1
SEL 1
SEL 0
IN 0
IN 0
IN 1
SN65LVCP22
SLLS553B – NOVEMBER 2002 – REVISED JUNE 2003
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE DESIGNATOR
PART NUMBER(1)
SYMBOLIZATION
SOIC
SN65LVCP22D
LVCP22
TSSOP
SN65LVCP22PW
LVCP22
(1)
Add the suffix R for taped and reeled carrier
CIRCUIT BOARD
TA ≤ 25°C
DERATING FACTOR(1)
TA = 85°C
PACKAGE
MODEL
POWER RATING
ABOVE TA = 25°C
POWER RATING
SOIC (D)
High-K(2)
1361 mW
13.9 mW/
°C
544 mW
TSSOP (PW)
High-K(2)
1074 mW
10.7 mW/
°C
430 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
(2)
In accordance with the High-K thermal metric definitions of EIA/JESD51-7.
PARAMETER
TEST CONDITIONS
VALUE
UNITS
D
11.2
θ
JB
Junction-to-board thermal resistance
°C/W
PW
18.4
D
23.7
θ
JC
Junction-to-case thermal resistance
°C/W
PW
16.0
Typical
VCC = 3.3 V, TA = 25°C, 1 Gbps
198
PD
Device power dissipation
mW
Maximum
VCC = 3.6 V, TA = 85°C, 1 Gbps
313
FUNCTION TABLE
SEL0
SEL1
OUT0
OUT1
FUNCTION
0
0
IN0
IN0
1:2 Splitter
0
1
IN0
IN1
Repeater
1
0
IN1
IN0
Switch
1
1
IN1
IN1
1:2 Splitter
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback


Similar Part No. - SN65LVCP22PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP22PW TI-SN65LVCP22PW Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVCP22PWG4 TI-SN65LVCP22PWG4 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVCP22PWR TI-SN65LVCP22PWR Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVCP22PWRG4 TI-SN65LVCP22PWRG4 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP22PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com