Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3020PG Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K3020PG
Description  Optocoupler, Phototriac Output, 400 V VDRM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3020PG Datasheet(HTML) 4 Page - Vishay Siliconix

  K3020PG Datasheet HTML 1Page - Vishay Siliconix K3020PG Datasheet HTML 2Page - Vishay Siliconix K3020PG Datasheet HTML 3Page - Vishay Siliconix K3020PG Datasheet HTML 4Page - Vishay Siliconix K3020PG Datasheet HTML 5Page - Vishay Siliconix K3020PG Datasheet HTML 6Page - Vishay Siliconix K3020PG Datasheet HTML 7Page - Vishay Siliconix K3020PG Datasheet HTML 8Page - Vishay Siliconix K3020PG Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 83505
Rev. 1.9, 26-Oct-04
K3020P/ K3020PG Series
Vishay Semiconductors
Figure 1. Test circuit for dV/dtcr and dV/dtcrq
Figure 2.
Figure 3. Motor control circuit
V~
RS
95 10813
Test condition:
dV/dtcr
VS = 2/3 VDRM
(Sine wave)
RL =33k
dV/dtcrq
Veff =30V
(Sine wave)
RL =2k
IFT
RL
IF ≥ IFT
95 10814
dv/dtcr
Highest value of the “rate of rise of off-state voltage” which does not cause any switching from the
off-state to the on-state
dv/dtcrq Highest value of the “rate of rise of communicating voltage” which does not switch on the device again,
after the voltage has decreased to zero and the trigger current is switched from IFT to zero
IF =0
dv/dtcrq
dv/dtcr
M
95 10815
270
TTL
+5 V
0.1
µF
VAC ~
Galvanic separation


Similar Part No. - K3020PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3020PG VISHAY-K3020PG Datasheet
146Kb / 9P
   Optocoupler with Phototriac Output
Rev. A5, 13-Sep-99
K3020PG VISHAY-K3020PG Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
More results

Similar Description - K3020PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
VO3021 VISHAY-VO3021_V01 Datasheet
203Kb / 11P
   Optocoupler, Phototriac Output, 400 VDRM
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.3, 07-Mar-18
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
BRT11 VISHAY-BRT11 Datasheet
354Kb / 7P
   Optocoupler, Phototriac Output
Rev. 1.4, 26-Apr-04
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
K3020P VISHAY-K3020P Datasheet
146Kb / 9P
   Optocoupler with Phototriac Output
Rev. A5, 13-Sep-99
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com