Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K3020P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # K3020P
Description  Optocoupler, Phototriac Output, 400 V VDRM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3020P Datasheet(HTML) 1 Page - Vishay Siliconix

  K3020P_05 Datasheet HTML 1Page - Vishay Siliconix K3020P_05 Datasheet HTML 2Page - Vishay Siliconix K3020P_05 Datasheet HTML 3Page - Vishay Siliconix K3020P_05 Datasheet HTML 4Page - Vishay Siliconix K3020P_05 Datasheet HTML 5Page - Vishay Siliconix K3020P_05 Datasheet HTML 6Page - Vishay Siliconix K3020P_05 Datasheet HTML 7Page - Vishay Siliconix K3020P_05 Datasheet HTML 8Page - Vishay Siliconix K3020P_05 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
K3020P/ K3020PG Series
Document Number 83505
Rev. 1.9, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
17221
6
54
2
3
1
A (+)
C (–)
nc
~
~
Note: Pin 5 must not be connected
Pb
Pb-free
e3
Optocoupler, Phototriac Output, 400 V VDRM
Features
• Isolation materials according to UL 94-VO
• Pollution degree 2 (DIN/VDE 0110 resp. IEC
60664)
• Climatic classification 55/100/21
(IEC 60068 part 1)
• Special construction: Therefore, extra low cou-
pling capacity of typical 0.2 pF, high Common
Mode Rejection
•IFT offered into 4 groups
• Rated impulse voltage (transient overvoltage)
VIOTM = 6 kV peak
• Isolation test voltage (partial discharge test volt-
age) Vpd = 1.6 kV
• Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS (848 V peak)
• Rated recurring peak voltage (repetitive)
VIORM = 600 VRMS
• Thickness through insulation
≥ 0.75 mm
• Creepage current resistance according to
VDE 0303/IEC 60112 Comparative Tracking
Index: CTI = 275
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E76222 System Code C, Double
Protection
• BSI: BS EN 41003, BS EN 60095 (BS 415), BS EN
60950 (BS 7002), Certificate number 7081 and
7402
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
• FIMKO (SETI): EN 60950, Certificate No. 12398
Applications
Monitors
Air conditioners
Line Switches
Solid state relay
Microwave
Circuits for safe protective separation against electri-
cal shock according to safety class II (reinforced iso-
lation):
• For appl. class I - IV at mains voltage
≤ 300 V
• For appl. class I - III at mains voltage
≤ 600 V accord-
ing to DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-
5-5 pending, table 2, suitable for.
Order Information
G = Leadform 10.16 mm; G is not marked on the body
Description
The K3020P/ K3020PG series consists of a pho-
totransistor optically coupled to a gallium arsenide
infrared-emitting diode in a 6-lead plastic dual inline
package.
Part
Remarks
K3020P
IFT < 30 mA, VDRM = 400 V, DIP-6 300 mil
K3021P
IFT < 15 mA, VDRM = 400 V, DIP-6 300 mil
K3022P
IFT < 10 mA, VDRM = 400 V, DIP-6 300 mil
K3023P
IFT < 5 mA, VDRM = 400 V, DIP-6 300 mil
K3036P
IFT < 3.6 mA, VDRM = 400 V, DIP-6 300 mil
K3020PG
IFT < 30 mA, VDRM = 400 V, DIP-6 400 mil
K3021PG
IFT < 15 mA, VDRM = 400 V, DIP-6 400 mil
K3022PG
IFT < 10 mA, VDRM = 400 V, DIP-6 400 mil
K3023PG
IFT < 5 mA, VDRM = 400 V, DIP-6 400 mil
K3036PG
IFT < 3.6 mA, VDRM = 400 V, DIP-6 400 mil


Similar Part No. - K3020P_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3020PG VISHAY-K3020PG Datasheet
146Kb / 9P
   Optocoupler with Phototriac Output
Rev. A5, 13-Sep-99
K3020PG VISHAY-K3020PG Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
More results

Similar Description - K3020P_05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
VO3021 VISHAY-VO3021_V01 Datasheet
203Kb / 11P
   Optocoupler, Phototriac Output, 400 VDRM
01-Jan-2022
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
K301XP VISHAY-K301XP Datasheet
167Kb / 8P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 250 VDRM
Rev. 2.3, 04-Nov-2020
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.3, 07-Mar-18
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
BRT11 VISHAY-BRT11 Datasheet
354Kb / 7P
   Optocoupler, Phototriac Output
Rev. 1.4, 26-Apr-04
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
K3020P VISHAY-K3020P Datasheet
146Kb / 9P
   Optocoupler with Phototriac Output
Rev. A5, 13-Sep-99
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com