Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-B4141-L Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B4141-L
Description  LED GaAsP/GaP Hi-Eff Red Low current requirement High efficiency.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B4141-L Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-B4141-L Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B4141-L Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B4
41
14
41
1--L
L
Ver.1.0 Page: 1 of 2
SINCE 1981
Flat Denotes Cathode
1.00(.039) MIN.
2.54(.100)
NOM.
5.30(.209)
3.00(.118)
0.81(.032)
1.5(.059)
0.5(.02)
SQ.TYP.
MAX.
25.4(1.00) MIN.
3.80(.150)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
Package dimensions:
1. Chip material: GaAsP/GaP
2. Emitted color :Hi-Eff Red
3. Lens Appearance : orange diffused
4. Low power consumption.
5. High efficiency.
6. Versatile mounting on P.C. Board or panel.
7. Low current requirement.
8. 3mm diameter package.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
14
mW
Forward Current
IF
7
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40~80
Storage Temperature
Tstg
-40~85
Soldering Temperature
Tsol
260(for 5 seconds)
1.1


Similar Part No. - BL-B4141-L

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4141-L YSTONE-BL-B4141-L Datasheet
183Kb / 2P
   LOW-CURRENT LED LAMPS (ROUND TYPES)
More results

Similar Description - BL-B4141-L

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B4524 BRIGHT-BL-B4524 Datasheet
128Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement High efficiency.
BL-B4532 BRIGHT-BL-B4532 Datasheet
137Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B34V1T BRIGHT-BL-B34V1T Datasheet
116Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534 BRIGHT-BL-B4534 Datasheet
149Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534-1 BRIGHT-BL-B4534-1 Datasheet
140Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534-1-L BRIGHT-BL-B4534-1-L Datasheet
141Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534G-1 BRIGHT-BL-B4534G-1 Datasheet
147Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534N BRIGHT-BL-B4534N Datasheet
128Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4539B BRIGHT-BL-B4539B Datasheet
130Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4541Q BRIGHT-BL-B4541Q Datasheet
131Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com