Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC636ST89E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC636ST89E
Description  GaAs PHEMT HIGH LINEARITY Gain Block, 0.2 - 4.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC636ST89E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC636ST89E Datasheet HTML 1Page - Hittite Microwave Corporation HMC636ST89E Datasheet HTML 2Page - Hittite Microwave Corporation HMC636ST89E Datasheet HTML 3Page - Hittite Microwave Corporation HMC636ST89E Datasheet HTML 4Page - Hittite Microwave Corporation HMC636ST89E Datasheet HTML 5Page - Hittite Microwave Corporation HMC636ST89E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6
6 - 329
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
Collector Bias Voltage (Vcc)
+5.5 Volts
RF Input Power (RFIN)(Vcc = +5 Vdc)
+16 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 13.3 mW/°C above 85 °C)
0.86 W
Thermal Resistance
(Channel to lead)
75.6 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC636ST89
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H636
XXXX
HMC636ST89E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H636
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC636ST89 / 636ST89E
v00.1107
GaAs PHEMT HIGH LINEARITY
Gain Block, 0.2 - 4.0 GHz


Similar Part No. - HMC636ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC636ST89E HITTITE-HMC636ST89E Datasheet
974Kb / 6P
   GaAs pHEMT High Linearity Gain Block, 0.2 - 4.0 GHz
logo
Analog Devices
HMC636ST89E AD-HMC636ST89E Datasheet
393Kb / 6P
   Microwave Radio
More results

Similar Description - HMC636ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC636ST89 HITTITE-HMC636ST89_11 Datasheet
974Kb / 6P
   GaAs pHEMT High Linearity Gain Block, 0.2 - 4.0 GHz
logo
Analog Devices
HMC907A AD-HMC907A Datasheet
976Kb / 12P
   GaAs pHEMT MMIC POWER AMPLIFIER, 0.2 - 22 GHz
logo
Hittite Microwave Corpo...
HMC907 HITTITE-HMC907 Datasheet
654Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, 0.2 - 22 GHz
logo
Broadcom Corporation.
MGA-30789 BOARDCOM-MGA-30789 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
TQL9047 QORVO-TQL9047 Datasheet
954Kb / 15P
   High Linearity Gain Block
logo
TriQuint Semiconductor
TQL9047 TRIQUINT-TQL9047_15 Datasheet
599Kb / 13P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9126 QORVO-QPA9126 Datasheet
1Mb / 12P
   High Linearity Gain Block
June 26, 2019
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30789 AVAGO-MGA-30789_15 Datasheet
702Kb / 14P
   High Linearity Gain Block
logo
Qorvo, Inc
QPA9127 QORVO-QPA9127 Datasheet
1Mb / 11P
   High Linearity Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-30689 AVAGO-MGA-30689_15 Datasheet
733Kb / 16P
   Flat Gain High Linearity Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com