Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL4007 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # LL4007
Description  CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

LL4007 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  LL4007 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. LL4007 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL4001 THRU LL4007
Features
Mechanical Data
· The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
· For surface mounted applications
· Glass passivated junction
· High temperature soldering guaranteed: 250℃/10
seconds, at terminals
Maximum Ratings And Electrical Characteristics
· Case : JEDEC MELF(DO-41) molded plastic body
· Terminals : Lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.0041 ounce, 0.116 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC.
(2) Thermal resistance from junction to ambient, 0.24×0.24"(6.0×6.0mm) copper pads to each terminals
(3) Thermal resistance from junction to terminals, 0.24×0.24"(6.0×6.0mm) copper pads to each terminals
CURRENT 1.0 Ampere
VOLTAGE 50 to 1000 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length at TA=75℃
Maximum instantaneous forward voltage
at 1.0A
VRRM
50
Volts
Symbols
LL
4001
Units
1.1
VF
VRMS
1.0
Amps
IFSM
TJ
TSTG
50.0
-65 to +150
Volts
Amp
Maximum reverse
current at rated voltage
Typical thermal resistance
Typical junction capacitance (Note 1)
Operating and storage temperature range
LL
4002
LL
4003
LL
4004
LL
4005
LL
4006
LL
4007
35
50
15.0
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Volts
μA
℃/W
pF
I(AV)
IR
CJ
JA
TA=25℃
TA=125℃
JL
30.0
75.0
5.0
30.0
(Note 2)
(Note 3)
Maximum DC blocking voltage temperature
+150
TA
Dimensions in inches and (millimeters)
MELF (DO-41)
0.205(5.20)
0.190(4.80)
0.024(0.60)
0.018(0.46)
SOLDERABLE ENDS
0.105(2.70)
0.095(2.40)


Similar Part No. - LL4007

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL4007 SEMTECH-LL4007 Datasheet
44Kb / 1P
   Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LL4007 SEMTECH_ELEC-LL4007 Datasheet
205Kb / 2P
   SURFACE MOUNT SILICON RECTIFIERS
logo
Yangzhou yangjie electr...
LL4007 YANGJIE-LL4007 Datasheet
133Kb / 2P
   General Purpose Rectifier
logo
DAESAN ELECTRONIC CORP.
LL4007 DAESAN-LL4007 Datasheet
486Kb / 2P
   STANDARD RECTIFIER
logo
SAMYANG ELECTRONICS CO....
LL4007G SAMYANG-LL4007G Datasheet
1Mb / 2P
   PLASTIC SILICON R ECTIFIERS
More results

Similar Description - LL4007

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
List of Unclassifed Man...
1N4001 ETC-1N4001 Datasheet
35Kb / 1P
   VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
UF400X ETC1-UF400X Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
DAESAN ELECTRONIC CORP.
1H1 DAESAN-1H1 Datasheet
281Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
FR101 DAESAN-FR101 Datasheet
280Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
HER101G DAESAN-HER101G Datasheet
284Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
SM4001 DAESAN-SM4001 Datasheet
216Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com