Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F1121AIRGER Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F1121AIRGER
Description  MIXED SIGNAL MICROCONTROLLER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F1121AIRGER Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430F1121AIRGER Datasheet HTML 4Page - Texas Instruments MSP430F1121AIRGER Datasheet HTML 5Page - Texas Instruments MSP430F1121AIRGER Datasheet HTML 6Page - Texas Instruments MSP430F1121AIRGER Datasheet HTML 7Page - Texas Instruments MSP430F1121AIRGER Datasheet HTML 8Page - Texas Instruments MSP430F1121AIRGER Datasheet HTML 9Page - Texas Instruments MSP430F1121AIRGER Datasheet HTML 10Page - Texas Instruments MSP430F1121AIRGER Datasheet HTML 11Page - Texas Instruments MSP430F1121AIRGER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
MSP430C11x1, MSP430F11x1A
MIXED SIGNAL MICROCONTROLLER
SLAS241H − SEPTEMBER 1999 − REVISED SEPTEMBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
memory organization
MSP430C1101
MSP430C1111
MSP430C1121
Memory
Main: interrupt vector
Main: code memory
Size
ROM
ROM
1KB ROM
0FFFFh−0FFE0h
0FFFFh−0FC00h
2KB ROM
0FFFFh−0FFE0h
0FFFFh−0F800h
4KB ROM
0FFFFh−0FFE0h
0FFFFh−0F000h
Information memory
Size
Flash
Not applicable
Not applicable
Not applicable
Boot memory
Size
ROM
Not applicable
Not applicable
Not applicable
RAM
Size
128 Byte
027Fh − 0200h
128 Byte
027Fh − 0200h
256 Byte
02FFh − 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
MSP430F1101A
MSP430F1111A
MSP430F1121A
Memory
Main: interrupt vector
Main: code memory
Size
Flash
Flash
1KB Flash
0FFFFh−0FFE0h
0FFFFh−0FC00h
2KB Flash
0FFFFh−0FFE0h
0FFFFh−0F800h
4KB Flash
0FFFFh−0FFE0h
0FFFFh−0F000h
Information memory
Size
Flash
128 Byte
010FFh − 01080h
256 Byte
010FFh − 01000h
256 Byte
010FFh − 01000h
Boot memory
Size
ROM
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
1KB
0FFFh − 0C00h
RAM
Size
128 Byte
027Fh − 0200h
128 Byte
027Fh − 0200h
256 Byte
02FFh − 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
01FFh − 0100h
0FFh − 010h
0Fh − 00h
bootstrap loader (BSL)
The MSP430 bootstrap loader (BSL) enables users to program the flash memory or RAM using a UART serial
interface. Access to the MSP430 memory via the BSL is protected by user-defined password. For complete
description of the features of the BSL and its implementation, see the Application report Features of the MSP430
Bootstrap Loader, Literature Number SLAA089.
BSL Function
DW, PW & DGV Package Pins
RGE Package Pins
Data Transmit
14 - P1.1
14 - P1.1
Data Receive
10 - P2.2
8 - P2.2


Similar Part No. - MSP430F1121AIRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F1121AIRGER TI-MSP430F1121AIRGER Datasheet
762Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1121AIRGER TI-MSP430F1121AIRGER Datasheet
1Mb / 46P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
MSP430F1121AIRGER TI-MSP430F1121AIRGER Datasheet
876Kb / 43P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F1121AIRGER TI1-MSP430F1121AIRGER Datasheet
1Mb / 46P
[Old version datasheet]   Mixed Signal Microcontroller
More results

Similar Description - MSP430F1121AIRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com