Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74CBTLV1G125DBVRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 74CBTLV1G125DBVRG4
Description  LOW-VOLTAGE SINGLE FET BUS SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV1G125DBVRG4 Datasheet(HTML) 5 Page - Texas Instruments

  74CBTLV1G125DBVRG4 Datasheet HTML 1Page - Texas Instruments 74CBTLV1G125DBVRG4 Datasheet HTML 2Page - Texas Instruments 74CBTLV1G125DBVRG4 Datasheet HTML 3Page - Texas Instruments 74CBTLV1G125DBVRG4 Datasheet HTML 4Page - Texas Instruments 74CBTLV1G125DBVRG4 Datasheet HTML 5Page - Texas Instruments 74CBTLV1G125DBVRG4 Datasheet HTML 6Page - Texas Instruments 74CBTLV1G125DBVRG4 Datasheet HTML 7Page - Texas Instruments 74CBTLV1G125DBVRG4 Datasheet HTML 8Page - Texas Instruments 74CBTLV1G125DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74CBTLV1G125CRE4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV1G125CRG4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV1G125DBVRE4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV1G125DBVRG4
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
74CBTLV1G125DCKRG4
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV1G125DBVR
ACTIVE
SOT-23
DBV
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74CBTLV1G125DCKR
ACTIVE
SC70
DCK
5
3000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
29-May-2007
Addendum-Page 1


Similar Part No. - 74CBTLV1G125DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CBTLV1G125DBVRG4 TI-74CBTLV1G125DBVRG4 Datasheet
367Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
More results

Similar Description - 74CBTLV1G125DBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_10 Datasheet
367Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI-SN74CBTLV1G125-Q1_15 Datasheet
321Kb / 11P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125 Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_15 Datasheet
582Kb / 13P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI1-SN74CBTLV1G125-Q1 Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com