Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC329 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC329
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC329 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC329 Datasheet HTML 1Page - Hittite Microwave Corporation HMC329 Datasheet HTML 2Page - Hittite Microwave Corporation HMC329 Datasheet HTML 3Page - Hittite Microwave Corporation HMC329 Datasheet HTML 4Page - Hittite Microwave Corporation HMC329 Datasheet HTML 5Page - Hittite Microwave Corporation HMC329 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3
3 - 52
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC329
GaAs MMIC DOUBLE-BALANCED
MIXER, 25 - 40 GHz
v04.1007
General Description
Features
Functional Diagram
Passive: No DC Bias Required
Input IP3: +19 dBm
LO/RF Isolation: 42 dB
Small Size: 0.85 x 0.55 x 0.1 mm
Electrical Specifications, T
A = +25° C
Typical Applications
The HMC329 is ideal for:
• LMDS
• Microwave Point-to-Point Radios
• SATCOM
* Unless otherwise noted, all measurements performed as downconverter, IF= 1 GHz.
The HMC329 chip is a miniature passive double
balanced mixer which can be used as an upconverter
or downconverter from 25-40 GHz in a small chip
area of 0.85 x 0.55 mm. Excellent isolations are
provided by on-chip baluns, and the chip requires no
external components and no DC bias. Measurements
were made with the chip mounted and ribbon bonded
into in a 50-ohm microstrip test fixture that contains
5-mil alumina substrates between the chip and
K-connectors. Measured data includes the parasitic
effects of the assembly. RF connections to the chip
were made with 0.076 mm (3-mil) ribbon bond with
minimal length <0.31mm (<12 mil).
Parameter
LO = +13 dBm, IF = 1 GHz
Units
Min.
Typ.
Max.
Frequency Range, RF & LO
25 - 40
GHz
Frequency Range, IF
DC - 8
GHz
Conversion Loss
9.5
11.5
dB
Noise Figure (SSB)
9.5
11.5
dB
LO to RF Isolation
38
42
dB
LO to IF Isolation
25
35
dB
RF to IF Isolation
21
28
dB
IP3 (Input)
16
19
dBm
IP2 (Input)
45
55
dBm
1 dB Compression (Input)
8
11
dBm


Similar Part No. - HMC329

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329 HITTITE-HMC329 Datasheet
165Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Micross Components
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
HMC329A AD-HMC329A Datasheet
438Kb / 28P
   22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
HMC329A-SX AD-HMC329A-SX Datasheet
438Kb / 28P
   22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
More results

Similar Description - HMC329

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC294 HITTITE-HMC294 Datasheet
174Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC294 HITTITE-HMC294_00 Datasheet
223Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329 Datasheet
165Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC294 HITTITE-HMC294_10 Datasheet
216Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC774A AD-HMC774A Datasheet
324Kb / 19P
   7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3 Datasheet
282Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_08 Datasheet
230Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com