Part Name
         Description
HMC313_07

 GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz ( 6 Page)


HITTITE
100% 
Zoom Out Zoom In
   
 5 page
background image
5
5 - 32
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Number
Function
Description
Interface Schematic
1RFOUT
This pin is DC coupled. An off chip DC blocking capacitor
is required.
3RFIN
This pin is DC coupled. An off chip DC blocking capacitor
is required.
2, 4-6
GND
These pins must be connected to RF/DC ground.
Note:
1. Select Rbias to achieve desired Vcc voltage on Pin 1.
2. External Blocking Capacitors are required on Pins 1 & 3.
Application Circuit
Pin Descriptions
HMC313 / 313E
GaAs InGaP HBT MMIC BROADBAND
AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
v04.0307
Recommended Bias Resistor Values
for Icc = 50 mA, Rbias = (Vs - 5.0) / Icc
Supply Voltage (Vs)
5V
6V
8V
RBIAS VALUE
0 Ω
20 Ω
62 Ω
RBIAS POWER RATING
¼ W
½ W



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC311ST89_06InGaP HBT GAIN BLOCK MMIC AMPLIFIER DC - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
CGB7003-BD_07DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier 1 2 3 4 5 MoreMimix Broadband
CGB7004-BDDC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier 1 2 3 4 5 MoreMimix Broadband
CGB7005-BDDC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier 1 2 3 4 5 MoreMimix Broadband
CGB7014-SC_0609DC-8.0 GHz InGaP HBT MMIC or Packaged Matched Gain Block Amplifier 1 2 3 4 5 MoreMimix Broadband
CGB7006-BDDC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier 1 2 3 4 5 MoreMimix Broadband
CGB7011-SC_06DC-6.0 GHz InGaP HBT MMIC or Packaged Matched Gain Block Amplifier 1 2 3 4 5 MoreMimix Broadband
CGB7017-SC_0609DC-8.0 GHz InGaP HBT MMIC or Packaged Matched Gain Block Amplifier 1 2 3 4 5 MoreMimix Broadband
CGB7007-BDDC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier 1 2 3 4 5 MoreMimix Broadband
CGB7017-BDDC-8.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier 1 2 3 4 5 MoreMimix Broadband

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl