Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBM29LV320TE Datasheet(PDF) 6 Page - SPANSION

Part # MBM29LV320TE
Description  FLASH MEMORY
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29LV320TE Datasheet(HTML) 6 Page - SPANSION

Back Button MBM29LV320TE Datasheet HTML 2Page - SPANSION MBM29LV320TE Datasheet HTML 3Page - SPANSION MBM29LV320TE Datasheet HTML 4Page - SPANSION MBM29LV320TE Datasheet HTML 5Page - SPANSION MBM29LV320TE Datasheet HTML 6Page - SPANSION MBM29LV320TE Datasheet HTML 7Page - SPANSION MBM29LV320TE Datasheet HTML 8Page - SPANSION MBM29LV320TE Datasheet HTML 9Page - SPANSION MBM29LV320TE Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Retired Product
 DS05-20894-5E_July 31, 2007
MBM29LV320TE/BE80/90/10
6
■ FEATURES
• 0.23
μm Process Technology
• Single 3.0 V Read, Program, and Erase
Minimized system level power requirements
• Compatible with JEDEC-standard Commands
Use the same software commands as E2PROMs
• Compatible with JEDEC-standard Worldwide Pinouts
48-pin TSOP (1) (Package suffix : TN
− Normal Bend Type, TR − Reversed Bend Type)
63-ball FBGA (Package suffix : PBT)
• Minimum 100,000 Program/Erase Cycles
• High Performance
80 ns maximum access time
• Sector Erase Architecture
Eight 4 K word and sixty-three 32 K word sectors in word mode
Eight 8 K byte and sixty-three 64 K byte sectors in byte mode
Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
T
= Top sector
B
= Bottom sector
• HiddenROM Region
256 byte of HiddenROM, accessible through a new “HiddenROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC Input Pin
At VIL, allows protection of boot sectors, regardless of sector protection/unprotection status
At VACC, increases program performance
• Embedded EraseTM* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically writes and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode.
• Low VCC write inhibit
≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Sector group protection
Hardware method disables any combination of sector groups from program or erase operations
• Sector Group Protection Set function by Extended sector group protection command
• Fast Programming Function by Extended Command
• Temporary sector group unprotection
Temporary sector group unprotection via the RESET pin.
• In accordance with CFI (Common Flash Memory Interface)
*: Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29LV320TE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV320TE FUJITSU-MBM29LV320TE Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
MBM29LV320TE10 FUJITSU-MBM29LV320TE10 Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
MBM29LV320TE10PBT FUJITSU-MBM29LV320TE10PBT Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
MBM29LV320TE10TN FUJITSU-MBM29LV320TE10TN Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
MBM29LV320TE10TR FUJITSU-MBM29LV320TE10TR Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
More results

Similar Description - MBM29LV320TE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com