Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC292LM3C Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC292LM3C
Description  GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC292LM3C Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC292LM3C_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC292LM3C_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC292LM3C_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC292LM3C_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC292LM3C_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC292LM3C_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC292LM3C_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC292LM3C_06 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7
7 - 159
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
RF / IF Input
+13 dBm
LO Drive
+27 dBm
Storage Temperature
-65 to +150 deg C
Operating Temperature
-40 to +85 deg C
ESD Sensitivity (HBM)
Class 1C
NOTES:
1. MATERIAL: PLASTIC
2. PLATING: GOLD OVER NICKEL
3. DIMENSIONS ARE IN INCHES [MILLIMETERS].
4. ALL TOLERANCES ARE ± 0.005 [± 0.13].
5. ALL GROUNDS MUST BE SOLDERED TO PCB RF GROUND.
6.
INDICATES PIN 1
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC292LM3C
v01.0505
GaAs MMIC DOUBLE-BALANCED
SMT MIXER, 17 - 31 GHz


Similar Part No. - HMC292LM3C_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC292LM3C HITTITE-HMC292LM3C Datasheet
277Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
More results

Similar Description - HMC292LM3C_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC292LM3C HITTITE-HMC292LM3C Datasheet
277Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 17 - 31 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
HMC141LH5 HITTITE-HMC141LH5 Datasheet
280Kb / 6P
   GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
   GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC168C8 HITTITE-HMC168C8_08 Datasheet
221Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 8 GHz
HMC170C8 HITTITE-HMC170C8_08 Datasheet
229Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 2.5 - 4 GHz
HMC213MS8 HITTITE-HMC213MS8 Datasheet
246Kb / 6P
   GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
HMC141C8 HITTITE-HMC141C8_08 Datasheet
260Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 6 - 15 GHz
HMC218AMS8E HITTITE-HMC218AMS8E Datasheet
657Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 4.5 - 6 GHz
HMC13MS8 HITTITE-HMC13MS8 Datasheet
192Kb / 6P
   GaAs MMIC SMT DOUBLE BALANCED MIXER, 1.5 - 4.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com