Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR24N15DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFR24N15DPBF
Description  HEXFET짰Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR24N15DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFR24N15DPBF Datasheet HTML 1Page - International Rectifier IRFR24N15DPBF Datasheet HTML 2Page - International Rectifier IRFR24N15DPBF Datasheet HTML 3Page - International Rectifier IRFR24N15DPBF Datasheet HTML 4Page - International Rectifier IRFR24N15DPBF Datasheet HTML 5Page - International Rectifier IRFR24N15DPBF Datasheet HTML 6Page - International Rectifier IRFR24N15DPBF Datasheet HTML 7Page - International Rectifier IRFR24N15DPBF Datasheet HTML 8Page - International Rectifier IRFR24N15DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
1/17/05
IRFR24N15DPbF
IRFU24N15DPbF
SMPS MOSFET
HEXFET® Power MOSFET
Absolute Maximum Ratings
Notes
 through … are on page 10
PD - 95370A
l High frequency DC-DC converters
l Lead-Free
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
VDSS
RDS(on) max
ID
150V
95m
24A
D-Pak
IRFR24N15D
I-Pak
IRFU24N15D
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
24
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
17
A
IDM
Pulsed Drain Current

96
PD @TC = 25°C
Power Dissipation
140
W
Linear Derating Factor
0.92
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
4.9
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.1
RθJA
Junction-to-Ambient (PCB mount)*
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance


Similar Part No. - IRFR24N15DPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR24N15DPBF KERSEMI-IRFR24N15DPBF Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR24N15DPBF IRF-IRFR24N15DPBF Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
More results

Similar Description - IRFR24N15DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
IRLI3705NPBF IRF-IRLI3705NPBF Datasheet
1Mb / 9P
   HEXFET짰Power MOSFET
IRLR8743PBF IRF-IRLR8743PBF Datasheet
369Kb / 11P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
IRF7316PBF IRF-IRF7316PBF Datasheet
203Kb / 7P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com