Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC292 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC292
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC292 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC292_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC292_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC292_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC292_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC292_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC292_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
4 - 52
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC292
v06.1007
GaAs MMIC DOUBLE-BALANCED
MIXER, 18 - 32 GHz
Pad Number
Function
Description
Interface Schematic
1LO
This pin is DC coupled
and matched to 50 Ohms.
2RF
This pin is DC coupled
and matched to 50 Ohms.
3IF
This pin is DC coupled. For applications not requiring operation
to DC, this port should be DC blocked externally using a series
capacitor whose value has been chosen to pass the necessary IF
frequency range. For operation to DC, this pin must not source/
sink more than 2 mA of current or die non-function and possible
die failure will result.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
Pad Descriptions


Similar Part No. - HMC292_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
More results

Similar Description - HMC292_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC292 HITTITE-HMC292_09 Datasheet
212Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
logo
Analog Devices
HMC292A AD-HMC292A Datasheet
398Kb / 17P
   14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
HMC329ALC3B AD-HMC329ALC3B Datasheet
376Kb / 23P
   24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Marki Microwave
MM1-0312H MARKIMICROWAVE-MM1-0312H Datasheet
789Kb / 9P
   GaAs MMIC Double Balanced Mixer
MM1-0312S MARKIMICROWAVE-MM1-0312S Datasheet
787Kb / 9P
   GaAs MMIC Double Balanced Mixer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com