Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVS100CB Datasheet(PDF) 7 Page - STMicroelectronics

Part # AVS100CB
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 300W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS100CB Datasheet(HTML) 7 Page - STMicroelectronics

  AVS100CB Datasheet HTML 1Page - STMicroelectronics AVS100CB Datasheet HTML 2Page - STMicroelectronics AVS100CB Datasheet HTML 3Page - STMicroelectronics AVS100CB Datasheet HTML 4Page - STMicroelectronics AVS100CB Datasheet HTML 5Page - STMicroelectronics AVS100CB Datasheet HTML 6Page - STMicroelectronics AVS100CB Datasheet HTML 7Page - STMicroelectronics AVS100CB Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Cooling method : by conduction (method C)
Weight : 2 g
PM-TOTRI.IMG
PACKAGE MECHANICAL DATA
TRIAC
3 PINS - PLASTIC TO220AB
AVS20 - AVS200
7/8


Similar Part No. - AVS100CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS10 STMICROELECTRONICS-AVS10 Datasheet
80Kb / 8P
   AUTOMATIC VOLTAGE SWITCH SMPS < 300W
logo
Cornell Dubilier Electr...
AVS104M50A12T CDE-AVS104M50A12T Datasheet
303Kb / 5P
   SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
AVS104M50A12T-F CDE-AVS104M50A12T-F Datasheet
206Kb / 6P
   General Purpose Filtering, Bypassing, Power Supply Decoupling
AVS104M50A12T-F CDE-AVS104M50A12T-F Datasheet
462Kb / 6P
   SMT Aluminum Electrolytic Capacitors - General Purpose
AVS104M50B12T CDE-AVS104M50B12T Datasheet
303Kb / 5P
   SMT Aluminum Electrolytic Capacitors - General Purpose, 85?C
More results

Similar Description - AVS100CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AVS10 STMICROELECTRONICS-AVS10 Datasheet
80Kb / 8P
   AUTOMATIC VOLTAGE SWITCH SMPS < 300W
AVS12 STMICROELECTRONICS-AVS12 Datasheet
76Kb / 8P
   AUTOMATIC VOLTAGE SWITCH SMPS < 500W
AVS08 STMICROELECTRONICS-AVS08 Datasheet
68Kb / 7P
   AUTOMATIC VOLTAGE SWITCH SMPS 200W
AN1621 STMICROELECTRONICS-AN1621 Datasheet
120Kb / 14P
   300W SECONDARY CONTROLLED TWO-SWITCH
logo
Sanken electric
STR80145A SANKEN-STR80145A Datasheet
12Kb / 1P
   Voltage Doubler/Bridge Rectifier Automatic Switch ICs
logo
Comchip Technology
CTAN143V3-G COMCHIP-CTAN143V3-G Datasheet
169Kb / 3P
   300W Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05_15 Datasheet
152Kb / 3P
   300W Transient Voltage Suppressors Diode
SD24 SECOS-SD24 Datasheet
316Kb / 2P
   300W Transient Voltage Suppressors Diode
logo
Inventronics Inc.
EUV-300SXXXSV INVENTRONICS-EUV-300SXXXSV Datasheet
389Kb / 8P
   300W Constant Voltage IP67 Driver
Rev. O
logo
SeCoS Halbleitertechnol...
SD03 SECOS-SD03_15 Datasheet
332Kb / 3P
   300W Transient Voltage Suppressors Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com