Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC288MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC288MS8
Description  2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC288MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC288MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC288MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC288MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC288MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC288MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC288MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
6
6 - 34
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
2 dB LSB GaAs MMIC 3-BIT DIGITAL
ATTENUATOR, 0.7 - 3.7 GHz
General Description
Features
Functional Diagram
2 dB LSB Steps to 14 dB
Single Positive Control Per BIT
Monotonic: ±03 dB Bit Error Typical
Miniature MSOP-8 Package, 14.8mm2
Electrical Specifications,
T
A = +25° C, Vdd = +3V to +5V & Vctl = 0/Vdd (Unless Otherwise Stated)
Typical Applications
The HMC288MS8 & HMC288MS8E are broadband 3-
bit positive control GaAs IC digital attenuators in 8 lead
MSOP surface mount plastic packages. Covering 0.7 to
3.7 GHz, the insertion loss is typically less than 1.2 to
1.8 dB. The attenuator bit values are 2 (LSB), 4, and 8
dB for a total attenuation of 14 dB. Accuracy is excel-
lent at ± 0.3 dB typical with an IIP3 of up to +51 dBm.
Three bit control voltage inputs, toggled between 0 and
+3 to +5V, are used to select each attenuation state at
less than 50 uA each. A single Vdd bias of +3 to +5V
applied through an external 5K Ohm resistor is required
while occupying less than 14.8 mm2.
The HMC288MS8 / HMC288MS8E is ideal for:
• Cellular
• PCS, ISM, MMDS
• WLL applications
Parameter
Frequency
Min.
Typical
Max.
Units
Insertion Loss
0.7 - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.7 - 3.7 GHz
1.0
1.3
1.5
1.7
1.4
1.7
2.0
2.3
dB
dB
dB
dB
Attenuation Range
0.7 - 3.7 GHz
14
dB
Return Loss (RF1 & RF2, All Atten. States)
0.7 - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.7 - 3.7 GHz
14
11
10
9
17
15
14
12
dB
dB
dB
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
All Attenuation States
All Attenuation States
All Attenuation States
All Attenuation States
0.7 - 1.4 GHz
1.4 - 2.3 GHz
2.3 - 2.7 GHz
2.7 - 3.7 GHz
± 0.3 + 3% of Atten. Setting Max
± 0.2 + 3% of Atten. Setting Max
± 0.3 + 3% of Atten. Setting Max
± 0.3 + 4% of Atten. Setting Max
dB
dB
dB
dB
Input Power for 0.1 dB Compression
5V
3V
0.7 - 3.7 GHz
25
22
dBm
dBm
Input Third Order Intercept Point
(Two-tone Input Power = 0dBm Each Tone)
5V
3V
0.7 - 3.7 GHz
51
47
dBm
dBm
Switching Characteristics
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
0.7 - 3.7 GHz
560
600
ns
ns
HMC288MS8 / 288MS8E
v01.0705


Similar Part No. - HMC288MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 HITTITE-HMC288MS8 Datasheet
190Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 HITTITE-HMC288MS8 Datasheet
190Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8E HITTITE-HMC288MS8E Datasheet
190Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 HITTITE-HMC288MS8_08 Datasheet
190Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
More results

Similar Description - HMC288MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC288MS8 HITTITE-HMC288MS8 Datasheet
160Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC288MS8 HITTITE-HMC288MS8_08 Datasheet
190Kb / 6P
   2 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC273MS10G HITTITE-HMC273MS10G Datasheet
187Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC290 HITTITE-HMC290_06 Datasheet
241Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
logo
List of Unclassifed Man...
HMC271LP4 ETC1-HMC271LP4 Datasheet
476Kb / 8P
   1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
logo
Hittite Microwave Corpo...
HMC290 HITTITE-HMC290 Datasheet
141Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
HMC271LP4 HITTITE-HMC271LP4_10 Datasheet
355Kb / 8P
   1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC271LP4 HITTITE-HMC271LP4_09 Datasheet
353Kb / 8P
   1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC271ALP4 HITTITE-HMC271ALP4 Datasheet
979Kb / 8P
   1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
HMC271LP4 HITTITE-HMC271LP4 Datasheet
500Kb / 8P
   1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com