Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3876T Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3876T
Description  Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3876T Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM3876T Datasheet HTML 7Page - National Semiconductor (TI) LM3876T Datasheet HTML 8Page - National Semiconductor (TI) LM3876T Datasheet HTML 9Page - National Semiconductor (TI) LM3876T Datasheet HTML 10Page - National Semiconductor (TI) LM3876T Datasheet HTML 11Page - National Semiconductor (TI) LM3876T Datasheet HTML 12Page - National Semiconductor (TI) LM3876T Datasheet HTML 13Page - National Semiconductor (TI) LM3876T Datasheet HTML 14Page - National Semiconductor (TI) LM3876T Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Frequency
THD+N vs Output Power
01183229
01183230
THD+N vs Output Power
THD+N Distribution
01183231
01183232
THD+N Distribution
Output Power vs
Load Resistance
01183233
01183234
www.national.com
11


Similar Part No. - LM3876T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3876T NSC-LM3876T Datasheet
566Kb / 19P
   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3876T/NOPB TI1-LM3876T/NOPB Datasheet
937Kb / 29P
[Old version datasheet]   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3876TF NSC-LM3876TF Datasheet
566Kb / 19P
   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3876TF/NOPB TI1-LM3876TF/NOPB Datasheet
937Kb / 29P
[Old version datasheet]   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
More results

Similar Description - LM3876T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3876 TI1-LM3876 Datasheet
937Kb / 29P
[Old version datasheet]   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3876 NSC-LM3876 Datasheet
566Kb / 19P
   LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
LM3875 NSC-LM3875 Datasheet
1,001Kb / 20P
   OverturTM Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3875 TI1-LM3875 Datasheet
835Kb / 29P
[Old version datasheet]   LM3875 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier
LM3886T TI1-LM3886T Datasheet
1Mb / 31P
[Old version datasheet]   High-Performance 68W Audio Power Amplifier w/Mute
LM3886 TI1-LM3886 Datasheet
1Mb / 31P
[Old version datasheet]   LM3886 Overture Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
logo
National Semiconductor ...
LM3886 NSC-LM3886_03 Datasheet
846Kb / 24P
   Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886 Datasheet
745Kb / 20P
   Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com