Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPD03784 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD03784
Description  Low Power, Low EMI, TFT-LCD Column Driver with Dual, TTL Bus Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD03784 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  FPD03784 Datasheet HTML 1Page - National Semiconductor (TI) FPD03784 Datasheet HTML 2Page - National Semiconductor (TI) FPD03784 Datasheet HTML 3Page - National Semiconductor (TI) FPD03784 Datasheet HTML 4Page - National Semiconductor (TI) FPD03784 Datasheet HTML 5Page - National Semiconductor (TI) FPD03784 Datasheet HTML 6Page - National Semiconductor (TI) FPD03784 Datasheet HTML 7Page - National Semiconductor (TI) FPD03784 Datasheet HTML 8Page - National Semiconductor (TI) FPD03784 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
Analog Supply, (V
DD2) (Note 2)
−0.3V to +10.5V
Logic Supply, (V
DD1) (Note 2)
−0.3V to +5.0V
High Bias Supply, (V
HBIAS) (Note 2)
−0.3V to +12.0V
Low-Polarity RDAC Reference
Voltages, (V
GMA7 to VGMA12)
(Note 2)
−0.3V to 0.5V
DD2
High-Polarity RDAC Reference
Voltages, (V
GMA1 to VGMA6)
(Note 2)
0.5V
DD2 − 1.0V to
V
DD2 + 0.3V
RDAC Current (All Gamma Voltage
Taps), (I
GMA to IGMA12)
−2.5mA to 2.5mA
Input Voltage (Digital Logic), (V
IN)
(Note 2)
−0.3V to V
DD1 + 0.3V
Output Voltage, (V
OUT) (Note 2)
−0.3V to V
DD2 + 0.3V
Output Current (Analog), (I
OUT)
−7mA to +7mA
Input Current Source, (I
SIN)
−200µA to +200µA
Output Current Source, (I
SOUT)
−200µA to +200µA
IREF Current, (I
REF)
−1mA to +0.2mA
Storage Temperature Range, (T
S)
−55˚C to +125˚C
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply that
the devices should be operated at these limits. The table of “Electrical
Characteristics” specifies conditions of device operation.
Note 2: Absolute voltages referenced to VSS1 =VSS2 = 0.0V.
Recommended Operating
Conditions
Min
Typ
Max
Units
Logic Supply Voltage
3.0
3.3
3.6
V
(V
DD1)
(3.3V OR 2.5V)
2.25
2.5
2.75
V
Supply Voltage (V
DD2)
7.5
9.5
V
Operating Temperature
(T
A)
−10
+25
+70
˚C
DC Electrical Characteristics
Digital Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
Input High Voltage
0.7 V
DD1
V
V
IL
Input Low Voltage
0.3 V
DD1
V
V
OH
Output High Voltage
I
OH = −0.5mA
V
DD1 − 0.5
V
V
OL
Output Low Voltage
I
OL = 0.5mA
0.5
V
I
DD1
Logic Current
(Note 3)
0.6
mA
I
DD1
Logic Current
(Note 4)
0.36
mA
I
IH
Input Leakage
V
DD1 = 3.6V, VIN = 3.6V
1
µA
I
IL
Input Leakage
V
DD1 = 3.6V, VIN =0V
1
µA
C
IN
Input Capacitance
2
pF
Note 3: CLK frequency = 32.5 MHz, VDD1 = 3.3V, VSS1 =VSS2 = 0.0V, RIREF = 220 kΩ, charge share time = 1.5µs, line time = 22µs.
Note 4: CLK frequency = 32.5 MHz, VDD1 = 2.5V, VSS1 =VSS2 = 0.0V, RIREF = 220 kΩ, charge share time = 1.5µs, line time = 22µs.
Analog Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
DD2
Supply Current Consumption
(Note 5)
4.0
mA
PD
Power Dissipation
(Note 5)
40
mW
V
GMA1
Upper RDAC High Side Input
(Note 6)
V
DD2/2 + 0.2
V
DD2 − 0.2
V
V
GMA6
Upper RDAC Low Side Input
(Note 6)
V
DD2/2 + 0.2
V
DD2 − 0.2
V
V
GMA7
Lower RDAC High Side Input
VDD2
≥ 8.5V(Note 6)
0.2
V
DD2/2 − 0.2
V
VDD2 < 8.5V
0.2
V
DD2/2 − 0.4
V
V
GMA12
Lower RDAC Low Side Input
(Note 6)
0.2
V
DD2/2 − 0.2
V
V
HBIAS
Voltage of High Bias Current
Supply:
V
HBIAS =VDD2
V
DD2
V
DD2
Separate V
HBIAS Supply
≥ V
GMA1 +
1.5V and
8.5V
V
DD2 + 2.0
V
V
CS
Charge Share Voltage
The Greater
of V
DD1 or
V
GMA7
V
GMA6
V
C
LOAD
Output Capacitive Load
30
80
pF
V
OUT
Output Voltage Range
V
SS2 + 0.2
V
DD2 − 0.2
V
A
IREF
I
REF to IMAX Gain Factor
(Note 7)
8
10
12
www.national.com
2


Similar Part No. - FPD03784

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FPD-010R008-0E FUJITSU-FPD-010R008-0E Datasheet
1Mb / 13P
   4-Channel Optical Transceiver Module
FPD-101R008-0E FUJITSU-FPD-101R008-0E Datasheet
137Kb / 11P
   4-Channel Optical Transceiver
FPD-102R008-0E FUJITSU-FPD-102R008-0E Datasheet
137Kb / 11P
   4-Channel Optical Transceiver
logo
ISOCOM COMPONENTS
FPD1 ISOCOM-FPD1 Datasheet
625Kb / 2P
   Computer terminals
FPD1 ISOCOM-FPD1 Datasheet
278Kb / 6P
   Computer terminals
More results

Similar Description - FPD03784

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD33584 NSC-FPD33584 Datasheet
294Kb / 30P
   Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
FPD33684 NSC-FPD33684 Datasheet
232Kb / 15P
   Low Power, Low EMI, TFT-LCD Column Driver with RSDS??Inputs, 64 Grayshades, and 384 Outputs for XGA/SXGA Applications
logo
Texas Instruments
FPD33680 TI1-FPD33680 Datasheet
259Kb / 18P
[Old version datasheet]   FPD33680 Low Power, Low EMI, TFT-LCD Column Driver with RSDS Inputs, 64 Grayshades, and 480 Outputs for SXGA/UXGA Applications
logo
National Semiconductor ...
LMC7532 NSC-LMC7532 Datasheet
31Kb / 2P
   Low EMI, Low Power XGA/SVGA TFT-LCD Column Driver
logo
Texas Instruments
FPD33584 TI1-FPD33584_13 Datasheet
336Kb / 34P
[Old version datasheet]   Low Power, Low EMI, TFT-LCD Column Driver
FPD33680 TI1-FPD33680_13 Datasheet
257Kb / 20P
[Old version datasheet]   Low Power, Low EMI, TFT-LCD Column Driver
logo
Sharp Corporation
LH168D SHARP-LH168D Datasheet
937Kb / 13P
   384 Outputs 64 Gradations TFT-LCD Source Driver
logo
National Semiconductor ...
FPD87392 NSC-FPD87392 Datasheet
1Mb / 30P
   3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
FPD87392AXA NSC-FPD87392AXA Datasheet
135Kb / 4P
   3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
logo
Texas Instruments
FPD87208 TI1-FPD87208_13 Datasheet
395Kb / 17P
[Old version datasheet]   Low EMI, Low Dynamic Power XGA/WXGA TFT-LCD Timing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com