Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8973 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK8973
Description  3-axis Electronic Compass
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8973 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK8973 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8973 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8973 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8973 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8973 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8973 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8973 Datasheet HTML 10Page - Asahi Kasei Microsystems AK8973 Datasheet HTML 11Page - Asahi Kasei Microsystems AK8973 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ASAHI KASEI
[AK8973]
MS0561-E-01 <Preliminary>
- 8 -
2007/01
5. Overall Characteristics
5.1.
Absolute Maximum Ratings
VSS=0V
Parameter
Symbol
Min.
Max.
Unit
Power
supply
voltage
(VDD, VID)
V+
-0.3
+6.5
V
Input voltage
VIN
-0.3
(V+)+0.3
V
Input current
IIN
-
±10
mA
Storage temperature
TST
-40
+85
°C
Note
If the device is used in conditions exceeding these values, the device may be destroyed. Normal operations
and EEPROM data are not guaranteed in such exceeding conditions.
5.2.
Recommended Operating Conditions
VSS=0V
Parameter
Remark
Symbol
Min.
Typ.
Max.
Unit
Operating
temperature
Ta
-30
+85
°C
VDD pin voltage
VDD
2.5
3.0
3.6
V
Power supply
voltage
VID pin voltage
VID
1.70
1.85
VDD
V
Note
When turning on/off the power, turn on/off VDD and VID at the same time. .
5.3.
Electrical Characteristics
The following conditions apply unless otherwise noted:
VDD=2.5V to 3.6V, VID=1.7V to VDD, Temperature range=-30
°C to 85°C
5.3.1.
DC Characteristics
Parameter
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
High level input voltage 1
VIH1
70%VID
V
Low level input voltage 1
VIL1
SCL
SDA
CAD0
CAD1
30%VID
V
High level input voltage 2
VIH2
80%VID
V
Low level input voltage 2
VIL2
RSTN
20%VID
V
Input current (Note 1)
IIN
SCL
SDA
CAD0
CAD1
RSTN
Vin=VSS or VID
-10
+10
μA
VID
≥2V
5%VID
V
Hysteresis input voltage
(Note 2)
VHS
SCL
SDA
VID<2V
10%VID
V
High level output voltage 1
VOH1
IOH=-200µA (Note 5)
90%VID
V
Low level output voltage 1
VOL1
INT
IOL=+200µA (Note 5)
0.4
V
IOL=3mA VID
≥2V
0.4
V
Low level output voltage 2
(Note 3)(Note 4)
VOL2
SDA
IOL=3mA VID<2V
20%VID
V
IDD1
In power-down mode
0.2
5
μA
IDD2
When magnetic
sensor is driven
6.8
10.2
mA
Current consumption
IDD3
Average when reading
with 100ms
0.8
1.2
mA
(Note 1) Maximum input pin capacitance: 10pF (reference value for design)
(Note 2) Applied to the SCL pin and SDA pin (Schmitt trigger input) (reference value for design)
(Note 3) Maximum load capacitance: 400pF (capacitive load of each bus line applied to the I
2C bus interface)
(Note 4) Output is open-drain output. Connect a pull-up resistor externally.
(Note 5) Load capacitance: 20pF


Similar Part No. - AK8973

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8975 AKM-AK8975 Datasheet
634Kb / 34P
   3-axis Electronic Compass
AK8975C AKM-AK8975C Datasheet
634Kb / 34P
   3-axis Electronic Compass
More results

Similar Description - AK8973

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK09916C AKM-AK09916C Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK8975 AKM-AK8975 Datasheet
634Kb / 34P
   3-axis Electronic Compass
AK8963 AKM-AK8963 Datasheet
300Kb / 18P
   3-axis Electronic Compass
logo
HuaXinAn Electronics CO...
AK09912 HUAXINAN-AK09912 Datasheet
643Kb / 20P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09918C AKM-AK09918C Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK09918 AKM-AK09918 Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK8963N AKM-AK8963N Datasheet
655Kb / 38P
   3-axis Electronic Compass
AK09912 AKM-AK09912 Datasheet
1Mb / 42P
   3-axis Electronic Compass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com