Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2570 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK2570
Description  Feed Forward APC LSI for LD Module
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2570 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK2570 Datasheet HTML 3Page - Asahi Kasei Microsystems AK2570 Datasheet HTML 4Page - Asahi Kasei Microsystems AK2570 Datasheet HTML 5Page - Asahi Kasei Microsystems AK2570 Datasheet HTML 6Page - Asahi Kasei Microsystems AK2570 Datasheet HTML 7Page - Asahi Kasei Microsystems AK2570 Datasheet HTML 8Page - Asahi Kasei Microsystems AK2570 Datasheet HTML 9Page - Asahi Kasei Microsystems AK2570 Datasheet HTML 10Page - Asahi Kasei Microsystems AK2570 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ASAHI KASEI
[AK2570]
<MS0115-E-00>
2001/10
7
(2) Training mode
“Training mode” is used for the evaluation and the adjustment about AK2570. It is possible to write and read
the data in the EERPOM and the registers and to execute activating the internal circuit for setting the
temperature compensation data with the serial interface. Notice that it is possible to shift to “Training mode”
by executing ‘Command for Training mode’ and any other command is not available while operating in
“Self-operation mode”.
After executing ‘Command for Training mode’, it is necessary to input the clock or the ‘H’ level signal to
SK-pin continuously to keep the operational mode is in “Training mode“. It is able to return to “Self-
operational mode” by forcing the ‘L’ level signal to SK-pin for 50msec more in “Training mode”.
In “Training mode”, the periodical operation of temperature compensation for the LD is stopped. Also at the
time of executing ‘Command for Training mode’ while operating in “Self-operational mode”, AK2570
transfers to “Training mode” after completing the periodical operation.
Recommended sequence in ”Training mode
START
Set the temperature at the minimum value for the use (e.g. -40℃ )
Execute 'Command for Training mode'
Write '00000' in RINT register
AD2 executes A to D conversion
Confirm the code generated by AD2
Add '+1' to the data
No
Set the data for DA1 & DA2 that will be retained in
After execting the A to D conversion in AD1 for
Complete the measurement for the compensation data
Make the data for writing in the EEPROM
Write the compensatory data in the EEPROM
FINISH
Change the
Yes
Yes
No
--> Initial setting : Command for Training mode
--> Register access : WRITE-REG(RINT)
--> Initial Setting : Command for Selecting AD2
--> Activating Internal Circuit :
--> Register Access : READ-REG(RTMP)
--> Register access
--> Register Access : WRITE-REG(RDA1)
--> Register Access : WRITE-REG(RDA2)
--> Register Access : READ-REG(RVPD)
--> EEPROM Access : WRITE-EEP
--> EEPROM Access : EWEN
--> Evaluation for the LD characteristics
--> Adjusting the monitoring PD
is '00000010'~'00001000' (e.g. -40℃ )
in RINT register
WRITE-REG(RINT)
ambient temperature
for the T-SENSE output
Command for A/D operation
EDA1 &EDA2 to fit the LD characteristics
RVPD register that will be retained in EDA3
the input voltage to VPDIN-pin, read the data in
--> Initial Setting : Command for Selecting AD1
--> Activating Internal Circuit :
Command for A/D operation
--> Register access :
READ-REG(RTMP)
(See p.15)


Similar Part No. - AK2570

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2571 AKM-AK2571 Datasheet
2Mb / 52P
   Single-Chip Automatic Power/Temperature Control for WDM Laser Diodes
AK2572 AKM-AK2572 Datasheet
440Kb / 50P
   APC for Burst Mode Applicable Direct Modulation Laser Diode
AK2573A AKM-AK2573A Datasheet
267Kb / 38P
   125M / 156M Laser Diode Driver APC
AK2573AVB AKM-AK2573AVB Datasheet
267Kb / 38P
   125M / 156M Laser Diode Driver APC
AK2574 AKM-AK2574 Datasheet
230Kb / 30P
   156M Laser Diode Driver APC for Burst Mode
More results

Similar Description - AK2570

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NUV203E NICHIA-NUV203E Datasheet
373Kb / 2P
   LD Receptacle Module
NUU102E NICHIA-NUU102E_16 Datasheet
109Kb / 2P
   LD Slot Module
logo
STMicroelectronics
L7985 STMICROELECTRONICS-L7985 Datasheet
1Mb / 42P
   Voltage feed-forward
A5975AD STMICROELECTRONICS-A5975AD Datasheet
2Mb / 50P
   Voltage feed-forward
April 2011 Rev 1
logo
NICHIA CORPORATION
NUV101E NICHIA-NUV101E Datasheet
244Kb / 2P
   LD Slot Module
NUV101E NICHIA-NUV101E_16 Datasheet
105Kb / 2P
   LD Slot Module
NUV102E NICHIA-NUV102E_16 Datasheet
113Kb / 2P
   LD Slot Module
logo
STMicroelectronics
A5975D STMICROELECTRONICS-A5975D Datasheet
1Mb / 50P
   Voltage feed-forward
April 2011Rev 1
logo
NICHIA CORPORATION
NDAV521E1 NICHIA-NDAV521E1 Datasheet
360Kb / 2P
   LD Slot Module
NUV102E NICHIA-NUV102E Datasheet
206Kb / 2P
   LD Slot Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com