Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADS62P45 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS62P45
Description  Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
Download  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 3 page
background image
ADS62P45, ADS62P44
ADS62P43, ADS62P42
REV1P0 SEP 2007
3
PRODUCT PREVIEW information concerns products in
the formative or design phase of development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
www.ti.com
www.ti.com
OFFSET
ESTIMATION
BLOCK
24 TAP FILTER
- LOW PASS
- HIGH PASS
- BAND PASS
DECIMATION
BY 2/4/8
Disable offset
correction
Freeze offset
correction
0
Fine Gain
(0 to 6 dB
0.5 dB steps)
Gain Correction
(0.05 dB steps)
Bypass
decimation
Bypass filter
To output buffers
LVDS or CMOS
14 bits
14 bits
14 bits
14 bits
Filter Select
CLIPPER
DIGITAL PROCESSING BLOCK
OFFSET
CORRECTION
FINE GAIN
GAIN
CORRECTION
DIGITAL
FILTER & DECIMATION
From ADC
output
14 bits
14 bits
Figure 1 Digital Processing Block Diagram
PACKAGE/ORDERING INFORMATION (1)
PRODUCT
PACKAGE-
LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
ECO
PLAN
(2)
LEAD/BALL
FINISH
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA,
QUANTITY
ADS62P45
QFN-64
RGC
-40C to +85C
AZ62P45
ADS62P45RGC
TUBE
ADS62P44
QFN-64
RGC
-40C to +85C
AZ62P44
ADS62P44RGC
TUBE
ADS62P43
QFN-64
RGC
-40C to +85C
AZ62P43
ADS62P43RGC
TUBE
ADS62P42
QFN-64
RGC
-40C to +85C
GREEN
(RoHS
& no
Sb/Br)
Cu NiPdAu
AZ62P42
ADS62P42RGC
TUBE
(1)
θ JA = TBD, θ JC = TBD.
(2)
Eco Plan - The planned eco-friendly classification:
Green (RoHS & no Sb/Br) : TI defines "Green" to mean Pb-Free (RoHS compatible) and free of Bromine (Br) and Antimony (Sb)
based flame retardants.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADS6245DUAL CHANNEL 14-BIT 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADS62P15Dual Channel 11-Bits 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs 1 2 3 4 5 MoreTexas Instruments
ADS6445QUAD CHANNEL 14-BIT 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
ADS6225DUAL CHANNEL 12-BIT 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS5547_0714-BIT 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADS554614-BIT 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADS614514-BITS 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADC14DC080Dual 14-Bit 80/105 MSPS A/D Converter with CMOS Outputs Coming SoonNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl