Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADS62P45 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS62P45
Description  Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
Download  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 4 page
background image
ADS62P45, ADS62P44
ADS62P43, ADS62P42
REV1P0 SEP 2007
4
www.ti.com
www.ti.com
PRODUCT PREVIEW information concerns products in
the formative or design phase of development.
Characteristic data and other specifications are design
goals. Texas Instruments reserves the right to change or
discontinue these products without notice.
ABSOLUTE MAXIMUM RATINGS (1)
VALUE
UNIT
Supply voltage range, AVDD
- 0.3 V to 3.9
V
Supply voltage range, DRVDD
-0.3 V to 3.9
V
Voltage between AGND and DRGND
-0.3 to 0.3
V
Voltage between AVDD to DRVDD
-0.3 to 3.3
V
Voltage applied to external pin, CM (in external reference mode)
-0.3 to 2.0
V
Voltage applied to analog input pins, INA_P, INA_M, INB_P, INB_M
-0.3V to minimum( 3.6, AVDD + 0.3V )
V
Voltage applied to clock input pins, CLKP, CLKM
-0.3V to AVDD + 0.3V
V
Operating free-air temperature range, TA
-40 to 85
°C
Operating junction temperature range, TJ
125
°C
Storage temperature range, Tstg
-65 to 150
°C
Lead temperature 1.6 mm (1/16 “ ) from the case for 10 seconds
220
°C
(1)
Stresses beyond those listed under “ absolute maximum ratings” may cause permanent damage to thedevice. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “ recommended operating
conditions” is not implied. Exposure to absolutemaximum rated conditions for extended periods may affect device reliability
.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADS6245DUAL CHANNEL 14-BIT 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADS62P15Dual Channel 11-Bits 125 MSPS ADC With Parallel CMOS/DDR LVDS Outputs 1 2 3 4 5 MoreTexas Instruments
ADS6445QUAD CHANNEL 14-BIT 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS 1 2 3 4 5 MoreSTMicroelectronics
ADS6225DUAL CHANNEL 12-BIT 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS5547_0714-BIT 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADS554614-BIT 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADS614514-BITS 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS 1 2 3 4 5 MoreTexas Instruments
ADC14DC080Dual 14-Bit 80/105 MSPS A/D Converter with CMOS Outputs Coming SoonNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl