Electronic Components Datasheet Search |
|
60EPS10 Datasheet(PDF) 2 Page - International Rectifier |
|
60EPS10 Datasheet(HTML) 2 Page - International Rectifier |
2 / 6 page 2 60EPS...PbF SAFE IR Series Bulletin I2175 rev A 07/06 www.irf.com T J Max. Junction Temperature Range - 40 to 150 °C T stg Max. Storage Temperature Range - 40 to 150 °C R thJC Max. Thermal Resistance Junction 0.35 °C/W DC operation to Case R thJA Max. Thermal Resistance Junction 40 °C/W to Ambient R thCS Typical Thermal Resistance, Case to 0.2 °C/W Mounting surface , smooth and greased Heatsink wt Approximate Weight 6 (0.21) g (oz.) T Mounting Torque Min. 6 (5) Max. 12 (10) Case Style TO-247AC JEDEC (Modified) Thermal-Mechanical Specifications Parameters 60EPS.. Units Conditions Kg-cm (Ibf-in) Voltage Ratings Part Number V RRM , maximum V RSM , maximum non repetitive I RRM peak reverse voltage peak reverse voltage 150°C VV mA 60EPS10PbF 1000 1100 1 60EPS12PbF 1200 1300 1 V FM Max. Forward Voltage Drop 1.09 V @ 60A, T J = 25°C r t Forward slope resistance 3.96 m Ω V F(TO) Threshold voltage 0.74 V I RM Max. Reverse Leakage Current 0.1 T J = 25 °C 1.0 T J = 150 °C Electrical Specifications Parameters 60EPS.. Units Conditions T J = 150°C V R = rated V RRM mA I F(AV) Max. Average Forward Current 60 A @ T C = 118° C, 180° conduction half sine wave I FSM Max. Peak One Cycle Non-Repetitive 950 10ms Sine pulse, rated VRRMapplied Surge Current 1100 10ms Sine pulse, no voltage reapplied I 2t Max. I 2t for fusing 4512 10ms Sine pulse, rated V RRM applied 6300 10ms Sine pulse, no voltage reapplied I 2 √t Max. I2√t for fusing 63000 A 2 √s t = 0.1 to 10ms, no voltage reapplied Absolute Maximum Ratings Parameters 60EPS.. Units Conditions A A 2s |
Similar Part No. - 60EPS10 |
|
Similar Description - 60EPS10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |