Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC265 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC265
Description  GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC265 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC265 Datasheet HTML 1Page - Hittite Microwave Corporation HMC265 Datasheet HTML 2Page - Hittite Microwave Corporation HMC265 Datasheet HTML 3Page - Hittite Microwave Corporation HMC265 Datasheet HTML 4Page - Hittite Microwave Corporation HMC265 Datasheet HTML 5Page - Hittite Microwave Corporation HMC265 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
3 - 23
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs. Temperature
@ LO = -4 dBm Vdd = +4V
Conversion Gain vs. Temperature
@ LO = -4 dBm Vdd = +3V
Conversion Gain vs. LO Drive
@ Vdd = +4V
Conversion Gain vs. LO Drive
@ Vdd = +3V
Isolation @ LO = -4 dBm, Vdd = +4V
Isolation @ LO = -4 dBm, Vdd = +3V
-20
-15
-10
-5
0
5
10
18
20
22
24
26
28
30
32
34
+25C
+85C
-55C
RF FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
10
18
20
22
24
26
28
30
32
34
RF FREQUENCY (GHz)
RF/IF
LO/IF
LO/RF
2LO/RF
2LO/IF
-70
-60
-50
-40
-30
-20
-10
0
10
18
20
22
24
26
28
30
32
34
RF FREQUENCY (GHz)
LO/IF
RF/IF
LO/RF
2LO/RF
2LO/IF
-20
-15
-10
-5
0
5
10
18
20
22
24
26
28
30
32
34
+25C
+85C
-55C
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
5
10
18
20
22
24
26
28
30
32
34
-8 dBm
-6 dBm
-4 dBm
-2 dBm
0 dBm
RF FREQUENCY (GHz)
-20
-15
-10
-5
0
5
10
18
20
22
24
26
28
30
32
34
+25C
+85C
-55C
RF FREQUENCY (GHz)
HMC265
v02.1007
GaAs MMIC SUB-HARMONICALLY
PUMPED DOWNCONVERTER, 20 - 32 GHz


Similar Part No. - HMC265

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC265 HITTITE-HMC265 Datasheet
220Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC265 HITTITE-HMC265 Datasheet
265Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
logo
Micross Components
HMC265 MICROSS-HMC265 Datasheet
911Kb / 9P
   Microwave Point-to-Point Radios
logo
Analog Devices
HMC265 AD-HMC265 Datasheet
344Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
More results

Similar Description - HMC265

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC265 AD-HMC265 Datasheet
344Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
logo
Hittite Microwave Corpo...
HMC265 HITTITE-HMC265 Datasheet
220Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC265 HITTITE-HMC265_09 Datasheet
265Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
HMC264 HITTITE-HMC264_08 Datasheet
323Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC264 HITTITE-HMC264 Datasheet
311Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC264 HITTITE-HMC264_09 Datasheet
338Kb / 8P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 32 GHz
HMC266 HITTITE-HMC266 Datasheet
168Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC266 HITTITE-HMC266_06 Datasheet
276Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC266 HITTITE-HMC266_09 Datasheet
221Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 20 - 40 GHz
HMC330 HITTITE-HMC330 Datasheet
165Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED MIXER, 25 - 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com