Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC256 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC256
Description  GaAs MMIC I/Q MIXER 5.9 - 12 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC256 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC256 Datasheet HTML 1Page - Hittite Microwave Corporation HMC256 Datasheet HTML 2Page - Hittite Microwave Corporation HMC256 Datasheet HTML 3Page - Hittite Microwave Corporation HMC256 Datasheet HTML 4Page - Hittite Microwave Corporation HMC256 Datasheet HTML 5Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3
3 - 5
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
RF / IF Input
+13 dBm
LO Drive
+27 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 9.36 mW/°C above 85 °C)
0.61 W
Thermal Resistance (R
TH
)
(junction to die bottom)
106.8 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM].
2. BOND PADS ARE .004” SQUARE.
3. TYPICAL BOND PAD SPACING CENTER TO CENTER IS .006”.
4. BACKSIDE METALLIZATION: GOLD.
5. BOND PAD METALLIZATION: GOLD.
6. BACKSIDE METAL IS GROUND.
7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
Die Packaging Information [1]
Standard
Alternate
WP-3
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
HMC256
v03.1007
GaAs MMIC I/Q MIXER
5.9 - 12 GHz


Similar Part No. - HMC256

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC256 HITTITE-HMC256 Datasheet
145Kb / 6P
   GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC256 HITTITE-HMC256 Datasheet
163Kb / 6P
   GaAs MMIC I/Q MIXER 5.9 - 12 GHz
logo
Micross Components
HMC256 MICROSS-HMC256 Datasheet
809Kb / 9P
   Test Instrumentation
logo
Hittite Microwave Corpo...
HMC256 HITTITE-HMC256_09 Datasheet
163Kb / 6P
   GaAs MMIC I/Q MIXER 5.9 - 12 GHz
More results

Similar Description - HMC256

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC256 HITTITE-HMC256 Datasheet
145Kb / 6P
   GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC256 HITTITE-HMC256_09 Datasheet
163Kb / 6P
   GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC555 HITTITE-HMC555 Datasheet
320Kb / 6P
   GaAs MMIC I/Q MIXER 31 - 38 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
   GaAs MMIC I/Q MIXER 22 - 32 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com