Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC247 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC247
Description  400째 ANALOG PHASE SHIFTER 5 - 18 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC247 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC247 Datasheet HTML 1Page - Hittite Microwave Corporation HMC247 Datasheet HTML 2Page - Hittite Microwave Corporation HMC247 Datasheet HTML 3Page - Hittite Microwave Corporation HMC247 Datasheet HTML 4Page - Hittite Microwave Corporation HMC247 Datasheet HTML 5Page - Hittite Microwave Corporation HMC247 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
3 - 3
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Phase Shift vs. Control Voltage
Insertion Loss vs. Frequency
Phase Shift vs. Frequency @ Vctl = 10V
(Relative to Vctl = 0V)
Input Return Loss vs. Frequency,
Vctl = 0 to +10V
Output Return Loss vs. Frequency,
Vctl = 0 to +10V
Insertion Loss vs. Control Voltage @ 12 GHz
0
100
200
300
400
500
600
5
6
7
8
9
1011
12
131415
1617
18
+25C
+85C
-55C
FREQUENCY (GHz)
-20
-15
-10
-5
0
5
6
7
8
9
1011
12
131415
1617
18
FREQUENCY (GHz)
-20
-15
-10
-5
0
5
6
7
8
9
1011
12
131415
1617
18
FREQUENCY (GHz)
0
100
200
300
400
500
01
234
5678
9
10
6 GHz
12 GHz
18 GHz
Vctl (V)
-14
-12
-10
-8
-6
-4
-2
0
5
6
7
8
9
1011
12
131415
1617
18
0V
2V
4V
6V
8V
10V
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
01
234
5678
9
10
+25C
+85C
-55C
Vctl (V)
HMC247
v01.1007
400° ANALOG PHASE SHIFTER
5 - 18 GHz


Similar Part No. - HMC247

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
logo
Micross Components
HMC247 MICROSS-HMC247 Datasheet
1Mb / 15P
   E-Band Communications Systems
logo
Analog Devices
HMC247 AD-HMC247 Datasheet
330Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
More results

Similar Description - HMC247

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
logo
Analog Devices
HMC247 AD-HMC247 Datasheet
330Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
   5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
   5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
   5-18 GHz Analog Phase Shifter
August 23, 2021
logo
Hittite Microwave Corpo...
HMC932LP4E HITTITE-HMC932LP4E Datasheet
938Kb / 6P
   390째 Analog Phase Shifter, 12 - 18 GHz
HMC933LP4E_1103 HITTITE-HMC933LP4E_1103 Datasheet
891Kb / 6P
   470째 Analog Phase Shifter, 18 - 24 GHz
HMC933LP4E HITTITE-HMC933LP4E Datasheet
816Kb / 6P
   470째 Analog Phase Shifter, 18 - 24 GHz
logo
TriQuint Semiconductor
TGC1439A TRIQUINT-TGC1439A Datasheet
927Kb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
TGP1439-EPU TRIQUINT-TGP1439-EPU Datasheet
937Kb / 5P
   18 - 20 GHz 5-Bit Phase Shifter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com