Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR253 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # FR253
Description  CURRENT 2.5 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

FR253 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  FR253 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. FR253 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR251 THRU FR257
Features
Mechanical Data
· Fast switching
· Low leakage
· Low forward voltage drop
· High current capability
· High current surge
· High reliability
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-201AD molded plastic body
· Terminals : Plated axial lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.041 ounce, 1.18 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 2.5 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC) method
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length TA=75℃
Maximum instantaneous forward voltage
at 2.5A
VRRM
Volts
Symbols
Units
1.3
VF
VRMS
2.5
Amps
Amps
IFSM
TJ
TSTG
-65 to +150
Volts
Maximum DC reverse current at rated DC
blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating junction and storage
temperature range
50
FR
251
35
50
5.0
250
Volts
μA
ns
pF
I(AV)
IR
Trr
60
CJ
100
FR
252
70
100
200
FR
253
140
200
400
FR
254
280
400
600
FR
255
420
600
800
FR
256
560
800
1000
FR
257
700
1000
Maximum full load reverse current full cycle
average. 0.375"(9.5mm) lead length at
TL=55℃
500
150
150
100
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.375(9.5)
0.285(7.2)
0.042(1.1)
0.037(0.9)
DIA.
0.210(5.3)
0.188(4.8)
DIA.


Similar Part No. - FR253

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR253 RECTRON-FR253 Datasheet
24Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
Rugao Dachang Electroni...
FR253 DACHANG-FR253 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
DONGGUAN YOU FENG WEI E...
FR253 YFWDIODE-FR253 Datasheet
435Kb / 3P
   Fast Recovery Silicon Rectifiers
logo
EIC discrete Semiconduc...
FR253 EIC-FR253 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Rugao Dachang Electroni...
FR253 DACHANG-FR253 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier
More results

Similar Description - FR253

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
RL251 DAESAN-RL251 Datasheet
309Kb / 2P
   CURRENT 2.5 Amperes VOLTAGE 50 to 1000 Volts
logo
Rectron Semiconductor
RL251 RECTRON-RL251 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
DAESAN ELECTRONIC CORP.
SM101 DAESAN-SM101 Datasheet
232Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com