Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC226 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC226
Description  GaAs MMIC 3V SOT26 TRANSMIT RECEIVE SWITCH, DC - 2.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC226 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC226_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC226_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC226_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC226_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC226_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC226_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8
8 - 50
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
*Control Input Voltage Tolerances are ± 0.2 Vdc.
DC Blocks are required at ports RFC, RF1 and RF2.
Compression vs.
Control Voltage @ 900 MHz
Caution: Do not operate continuously at power levels >1 dB
compression and do not “hot switch” power levels greater
than +23dBm (V
CTL
= +3Vdc).
Input 0.1 and 1.0 dB Compression
vs. Control Voltage @ 900 MHz
Control
Input
Input Power
for 0.1 dB
Compression
Input Power
for 1.0 dB
Compression
(Vdc)
(dBm)
(dBm)
+3
30
35
+5
33
38
+7
35
38.5
Control Input*
Control Current
Signal Path State
A
(Vdc)
B
(Vdc)
Ia
(uA)
Ib
(uA)
RF to
RF1
RF to
RF2
0+3
-5
5
ON
OFF
+3
0
5
-5
OFF
ON
0
+5
-10
10
ON
OFF
+5
0
10
-10
OFF
ON
0
+8
-45
45
ON
OFF
+8
0
45
-45
OFF
ON
HMC226 / 226E
v03.0505
GaAs MMIC +3V SOT26 TRANSMIT/
RECEIVE SWITCH, DC - 2.0 GHz
20
25
30
35
40
234567
8
0.1 dB Compression
1 dB Compression
Control Voltage (Vdc)


Similar Part No. - HMC226_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226_05 Datasheet
196Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
More results

Similar Description - HMC226_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226 Datasheet
179Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT/RECEIVE SWITCH, DC - 2.0 GHz
HMC226 HITTITE-HMC226_05 Datasheet
196Kb / 6P
   GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
HMC226 HITTITE-HMC226_10 Datasheet
180Kb / 4P
   GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
HMC226ETR HITTITE-HMC226ETR Datasheet
180Kb / 4P
   GaAs MMIC 3V SOT26 TRANSMT / RECEIVE SWITCH, DC - 2 GHz
logo
Analog Devices
HMC197BE AD-HMC197BE Datasheet
432Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC- 3 GHz
logo
Hittite Microwave Corpo...
HMC197 HITTITE-HMC197_05 Datasheet
166Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
221E HITTITE-221E Datasheet
194Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_06 Datasheet
272Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_00 Datasheet
201Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC197 HITTITE-HMC197_06 Datasheet
225Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com