Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC221 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC221
Description  GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC221 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC221_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC221_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC221_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC221_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC221_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC221_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8
8 - 36
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Designer’s Kit
Available
GaAs MMIC SOT26 SPDT
SWITCH, DC - 3 GHz
General Description
Features
Functional Diagram
RoHS-Compliant Product
Low Insertion Loss: 0.4 dB
Ultra Small Package: SOT26
Input IP3: +45 dBm
Positive Control: 0/+3V @ 10 uA
Included in the HMC-DK005 Designer’s Kits
Electrical Specifications, T
A = +25° C, Vctl = 0/+3 to +8 Vdc
Typical Applications
The HMC221 & HMC221E is ideal for:
• ISM Applications
• PCMCIA Wireless Cards
• Cellular Applications
The HMC221 and HMC221E are low-cost SPDT
switches in a 6-lead SOT26 plastic package for
use in general switching applications which require
very low insertion loss and very small size.
These
devices can control signals from DC to 3.0 GHz and is
especially suited for 900 MHz, 1.8 - 2.2 GHz, and
2.4 GHz ISM applications with less than 1 dB loss.
The design provides exceptional insertion loss per-
formance, ideal for filter and receiver switching. RF1
and RF2 are reflective shorts when “Off”.
The two
control voltages require a minimal amount of DC cur-
rent and offer compatibility with most CMOS & TTL
logic families. See HMC197 for same performance in
an alternate SOT26 pin-out.The HMC221E is a RoHS-
compliant product.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
0.4
0.45
0.6
0.8
0.7
0.8
0.9
1.1
dB
dB
dB
dB
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
24
24
21
14
28
28
25
18
dB
dB
dB
dB
Return Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
20
17
16
11
23
22
20
15
dB
dB
dB
dB
Input Power for 1 dB Compression
(Vctl = 0/+5V)
0.5 - 1.0 GHz
0.5 - 3.0 GHz
25
23
30
29
dBm
dBm
Input Third Order Intercept
(Vctl = 0/+5V) (Two-tone Input Power = +7 dBm Each Tone)
0.5 - 1.0 GHz
0.5 - 3.0 GHz
40
38
45
43
dBm
dBm
Switching Characteristics
DC - 3.0 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
3
10
ns
ns
v02.0700
HMC221 / 221E


Similar Part No. - HMC221_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC221 HITTITE-HMC221_00 Datasheet
201Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
More results

Similar Description - HMC221_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC197BE AD-HMC197BE Datasheet
432Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC- 3 GHz
logo
Hittite Microwave Corpo...
HMC197 HITTITE-HMC197_05 Datasheet
166Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
221E HITTITE-221E Datasheet
194Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC197 HITTITE-HMC197 Datasheet
171Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
188Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221A HITTITE-HMC221A Datasheet
448Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_00 Datasheet
201Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC197 HITTITE-HMC197_06 Datasheet
225Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com