Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC220MS8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC220MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC220MS8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC220MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC220MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC220MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC220MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC220MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC220MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7
7 - 100
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation Circuit Board
Item
Description
J1 - J3
PCB Mount SMA RF Connector
U1
HMC220MS8 / HMC220MS8E Mixer
PCB [2]
101828 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should
use RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads should be connected directly to the ground
plane similar to that shown. A sufficient number of
VIA holes should be used to connect the top and
bottom ground planes. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 101830 [1]
HMC220MS8 / 220MS8E
v02.0705
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 5 - 12 GHz


Similar Part No. - HMC220MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC220MS8 HITTITE-HMC220MS8 Datasheet
221Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz
More results

Similar Description - HMC220MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC220MS8 HITTITE-HMC220MS8 Datasheet
221Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz
HMC220AMS8 HITTITE-HMC220AMS8 Datasheet
612Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz
HMC128G8 HITTITE-HMC128G8 Datasheet
117Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC128G8 HITTITE-HMC128G8_06 Datasheet
144Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC141C8 HITTITE-HMC141C8_06 Datasheet
187Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC170C8 HITTITE-HMC170C8_06 Datasheet
180Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 2.5 - 4 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com