Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC219MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC219MS8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC219MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC219MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC219MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC219MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC219MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC219MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC219MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
7
7 - 90
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC219MS8 / 219MS8E
v03.0505
General Description
Features
Functional Diagram
Ultra Small Package: MSOP8
Conversion Loss: 8.5 dB
LO / RF Isolation: 25 dB
Electrical Specifications, T
A = +25° C, As a Function of LO Drive
Typical Applications
The HMC219MS8 / HMC219MS8E is ideal for:
• UNII & HiperLAN
• ISM
• Microwave Radios
The HMC219MS8 & HMC219MS8E are ultra minia-
ture double-balanced mixers in 8 lead plastic surface
mount packages (MSOP). This passive MMIC mixer
is constructed of GaAs Schottky diodes and novel
planar transformer baluns on the chip. The device can
be used as an upconverter, downconverter, bi-phase
(de)modulator, or phase comparator. The consistent
MMIC performance will improve system operation and
assure regulatory compliance.
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 4.5 - 9 GHz
Parameter
LO = +13 dBm
IF = 100 MHz
LO = +11 dBm
IF = 100 MHz
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range, RF & LO
4.5 - 9.0
4.5 - 8.6
GHz
Frequency Range, IF
DC - 2.5
DC - 2.5
GHz
Conversion Loss
8.5
10
8.5
10
dB
Noise Figure (SSB)
8.5
10
8.5
10
dB
LO to RF Isolation
17
25
20
25
dB
LO to IF Isolation
17
25
20
25
dB
IP3 (Input)
15
21
15
21
dBm
1 dB Gain Compression (Input)
7
10
5
8
dBm


Similar Part No. - HMC219MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC219MS8 HITTITE-HMC219MS8 Datasheet
177Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
More results

Similar Description - HMC219MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC219MS8 HITTITE-HMC219MS8 Datasheet
177Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC168C8 HITTITE-HMC168C8 Datasheet
117Kb / 3P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC175MS8 HITTITE-HMC175MS8 Datasheet
196Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218MS8 HITTITE-HMC218MS8_06 Datasheet
223Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC168C8 HITTITE-HMC168C8_06 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 8 GHz
HMC175MS8 HITTITE-HMC175MS8_08 Datasheet
172Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC175MS8 HITTITE-HMC175MS8_06 Datasheet
247Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.7 - 4.5 GHz
HMC218MS8 HITTITE-HMC218MS8_08 Datasheet
176Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED BALANCED MIXER, 4.5 - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com