Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC210MS8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC210MS8
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC210MS8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC210MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC210MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC210MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC210MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC210MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC210MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6
6 - 6
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation Circuit Board
The circuit board used in the final application
should be generated with proper RF circuit
design techniques. Signal lines at the RF ports
should be 50 ohm impedance and the package
ground leads and package bottom should be
connected directly to the PCB RF ground plane,
similar to that shown above. The evaluation cir-
cuit board shown above is available from Hittite
Microwave Corporation upon request.
List of Materials for Evaluation PCB 101827 [1]
Item
Description
J1, J2
PCB Mount SMA RF Connector
J3 - J5
DC PIN
C1, C2
330 pF capacitor, 0402 package
C3, C4
10,000 pF capacitor, 0603 package
U1
HMC210MS8 / HMC210MS8E VVA
PCB [2]
101825 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC210MS8 / 210MS8E
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 1.5 - 2.3 GHz
v02.0705


Similar Part No. - HMC210MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC210MS8 HITTITE-HMC210MS8 Datasheet
200Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
More results

Similar Description - HMC210MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC210MS8 HITTITE-HMC210MS8 Datasheet
200Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 1.5 - 2.3 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC712ALP3C AD-HMC712ALP3C Datasheet
948Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC712LP3C HITTITE-HMC712LP3C_09 Datasheet
341Kb / 8P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 5 - 26.5 GHz
logo
Analog Devices
HMC985A AD-HMC985A Datasheet
835Kb / 10P
   GaAs MMIC VOLTAGE - VARIABLE ATTENUATOR, 20 - 50 GHz
logo
Alpha Industries
AV850M2-00 ALPHA-AV850M2-00 Datasheet
43Kb / 2P
   18-40 GHz GaAs MMIC Voltage Variable Attenuator
AV850M1-00 ALPHA-AV850M1-00 Datasheet
77Kb / 2P
   18-50 GHz GaAs MMIC Voltage Variable Attenuator
logo
Hittite Microwave Corpo...
HMC121 HITTITE-HMC121 Datasheet
100Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR DC - 15 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com