Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1S Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # B1S
Description  CURRENT 0.8 Amperes VOLTAGE 100 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

B1S Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  B1S Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. B1S Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B1S THRU B10S
Features
Mechanical Data
· Glass Passivated Die Construction
· Diffused Junction
· Low Forward Voltage Drop, High Current Capability
· Surge Overload Rating to 30A Peak
· Designed for Printed Circuit Board Applications
· Plastic Material - UL Flammability Classification 94V-0
Maximum Ratings And Electrical Characteristics
· Case : Molded Plastic
· Terminals : Solder Plated Leads,
Solderable per MIL-STD-202, Method 2026
· Polarity : As Marked on Case
· Approx. Weight : 0.125 grams
· Mounting Position : Any
· Marking : Type Number
(Ratings at 25
℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 0.8 Amperes
VOLTAGE 100 to 1000 Volts
Notes:
(1) Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
(2) Thermal Resistance, junction to ambient, measured on PC board with 5.02mm (0.03mm thick) land areas.
Peak Repetitive Reverse voltage
Working Peak Reverse voltage
DC Blocking voltage
RMS Reverse voltage
Average Rectified Output Current
@ TA=40
Non-Repetitive Peak Forward Surge Current,
8.3ms single half-sine-wave superimposed
on rated load (JEDEC method)
Volts
Forward voltage (per element)
@ IF=0.4 A
VRMM
VRWM
VR
100
Volts
Symbols
Units
1.0
VFM
VRMS
0.8
Amp
30
IFSM
Tj
TSTG
500
-55 to +150
Amp
Peak Reverse Current at Rated
DC Blocking voltage (per element)
Typical Junction Capacitance
per element (Note 1)
Operating and Storage Temperature Range
B1S
B2S
B4S
B6S
B8S
B10S
70
10
10
200
400
140
280
600
420
800
560
1000
700
Volts
μA
℃/W
pF
Io
IRM
Cj
R
θJA
@ TA=25
@ TA=125
Typical Thermal Resistance,
Junction to Ambient (Note 2)
75
A B
C
D E
G
H
J
L
K
MiniDIP
Dim
Min
Max
A
5.43
5.75
B
3.60
4.00
C
0.15
0.05
0.35
D
0.20
7.00
E
G
0.70
1.10
H
4.50
4.90
J
2.80
2.90
K
2.50
2.70
L
0.50
0.80
A ll Dimens ions in mm


Similar Part No. - B1S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
B1S PANJIT-B1S Datasheet
114Kb / 2P
   MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER(VOLTAGE - 100 to 1000 Volts CURRENT - 0.5 Amperes)
logo
CHENG-YI ELECTRONIC CO....
B1S CHENG-YI-B1S Datasheet
193Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
B1S ZSELEC-B1S Datasheet
47Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
B1S WTE-B1S Datasheet
57Kb / 3P
   0.5A MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
RFE international
B1S RFE-B1S Datasheet
230Kb / 2P
   BRIDGE RECTIFIERS 0.8 to 1.5 Amps
More results

Similar Description - B1S

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
S250S DAESAN-S250S Datasheet
163Kb / 2P
   CURRENT 0.8 AMPERES VOLTAGE 100 TO 1000 VOLTS
BY296 DAESAN-BY296 Datasheet
336Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 100 to 1000 Volts
BY396 DAESAN-BY396 Datasheet
337Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 100 to 1000 Volts
SM101 DAESAN-SM101 Datasheet
232Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com