Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1085D2T33R Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD1085D2T33R
Description  3 A low drop positive voltage regulator adjustable and fixed
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1085D2T33R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD1085D2T33R Datasheet HTML 2Page - STMicroelectronics LD1085D2T33R Datasheet HTML 3Page - STMicroelectronics LD1085D2T33R Datasheet HTML 4Page - STMicroelectronics LD1085D2T33R Datasheet HTML 5Page - STMicroelectronics LD1085D2T33R Datasheet HTML 6Page - STMicroelectronics LD1085D2T33R Datasheet HTML 7Page - STMicroelectronics LD1085D2T33R Datasheet HTML 8Page - STMicroelectronics LD1085D2T33R Datasheet HTML 9Page - STMicroelectronics LD1085D2T33R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Schematic application
LD1085xx
6/27
4
Schematic application
Figure 3.
Application circuit
V
O
V
REF
1
R
2
R
1
-------
+
⎝⎠
⎛⎞
=


Similar Part No. - LD1085D2T33R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1085D2T33R STMICROELECTRONICS-LD1085D2T33R Datasheet
774Kb / 19P
   3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1085D2T33R STMICROELECTRONICS-LD1085D2T33R Datasheet
946Kb / 28P
   3 A low drop positive voltage regulator adjustable and fixed
More results

Similar Description - LD1085D2T33R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1085XX STMICROELECTRONICS-LD1085XX_08 Datasheet
946Kb / 28P
   3 A low drop positive voltage regulator adjustable and fixed
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1086XX STMICROELECTRONICS-LD1086XX_07 Datasheet
1Mb / 38P
   1.5 A low drop positive voltage regulator adjustable and fixed 
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
KD1084XX STMICROELECTRONICS-KD1084XX Datasheet
768Kb / 22P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084XX STMICROELECTRONICS-KD1084XX_08 Datasheet
356Kb / 20P
   5 A low drop positive voltage regulator adjustable and fixed
KD1084AXX STMICROELECTRONICS-KD1084AXX_09 Datasheet
346Kb / 17P
   5 A low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX_08 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com