Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BIR-HO033A-TRB Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BIR-HO033A-TRB
Description  Water Clear. 3.2x1.6x1.4mm(1206) standard package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BIR-HO033A-TRB Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BIR-HO033A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BIR-HO033A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BIR-HO033A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BIR-HO033A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BIR-HO033A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BIR-HO033A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BIR-HO033A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BIIR
R--H
HO
O0
03
33
3A
A--T
TR
RB
B
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Radiant Intensity
Ie
IF=50mA
1.83
3.8
-
mw
/sr
Forward Voltage
VF
IF=50mA
-
1.3
1.8
V
Peak Wave Length
λ
p
IF=20mA
-
850
-
nm
Spectral Line Half-width
Δλ
IF=20mA
-
50
-
nm
Tr
-
500
-
Rise/Fall Time
Tf
Ifp=20mA
PW=10uS
DC=1%
-
200
-
ns
Viewing Angle
1/2
IF=20mA
-
70
-
deg
● Typical Electro-Optical Characteristics Curves
Fig.3 Forward current vs forward voltage
Fig.5 Relative luminous intensity vs forward current
0
1.0
2.0
3.0
4.0
0
30
20
10
40
50
40
Forward current (mA)
10
20
30
50
Forward voltage(v)
12
3
4
5
Fig.1 Relative spectral sensitivity vs wavelength
800
0
0.5
1.0
Wavelength (nm)
850
900
AMBIENT TEMPERATURE Ta( C)
0.5
-40
0
1.5
1.0
3.0
2.0
2.5
A
-20
0
20
40
60
Fig.2 Total power dissipation vs ambient temperature
Fig.4 RELATIVE LUMINOUS INTENSITY
VS. AMBIENT TEMPERATURE
10
0
40
30
20
60
50
Ambient temperature
20
40
60
80
100
RADIATION DIAGRAM
0.1
0.5
0.3
0.2
0
10
40
0.4
0.6
90
80
70
60
50
20
30
Ver.1.0
Page 2 of 7


Similar Part No. - BIR-HO033A-TRB

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BIR-HO033A YSTONE-BIR-HO033A Datasheet
708Kb / 1P
   SURFACE MOUNT INFRARED EMITTING DIODES
More results

Similar Description - BIR-HO033A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BIR-HM133A-TRB BRIGHT-BIR-HM133A-TRB Datasheet
264Kb / 6P
   Water Clear. 3.2x1.6x1.4mm(1206) standard package.
BL-HA133A-TRB BRIGHT-BL-HA133A-TRB Datasheet
224Kb / 7P
   Amber Mono-color type 3.2x1.6x1.4mm(1206) standard package
logo
Unity Opto Technology
MVL-514G UOT-MVL-514G Datasheet
41Kb / 3P
   Standard water clear plastic lens
MVL-504G UOT-MVL-504G Datasheet
41Kb / 3P
   Standard water clear plastic lens
MVL-314GH UOT-MVL-314GH Datasheet
40Kb / 3P
   Standard water clear plastic lens
MVL-304G UOT-MVL-304G Datasheet
41Kb / 3P
   Standard water clear plastic lens
MVL-324GD UOT-MVL-324GD Datasheet
44Kb / 3P
   Standard double flange water clear plastic
logo
A-BRIGHT Inc
AL-01T7IR1WC-A30 A-BRIGHT-AL-01T7IR1WC-A30 Datasheet
329Kb / 4P
   Water Clear
logo
Ningbo Foryard Optoelec...
FYL-5043LURC1E FORYARD-FYL-5043LURC1E Datasheet
271Kb / 5P
   Water clear led
FYL-5044UWC1E FORYARD-FYL-5044UWC1E_15 Datasheet
279Kb / 5P
   Water clear led
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com