Part Name
         Description
HMC204C8_06

 GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT ( 6 Page)


HITTITE
100% 
Zoom Out Zoom In
   
 5 page
background image
6
6 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
Item
Description
J1, J2
PCB Mount SMA Connector
U1
HMC204C8, Doubler
PCB [2]
107165 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should
be generated with proper RF circuit design tech-
niques. Signal lines should have 50 ohm imped-
ance while the package ground leads and exposed
paddle should be connected directly to the ground
plane similar to that shown. The evaluation circuit
board shown is available from Hittite upon request.
HMC204C8
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 4 - 8 GHz INPUT
List of Materials for Evaluation PCB 107196 [1]
v04.1105



Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HMC156C8_06GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER 0.7 - 2.4 GHz INPUT 1 2 3 4 Hittite Microwave Corporation
HMC158C8_06GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER 1.3 - 4.0 GHz INPUT 1 2 3 4 Hittite Microwave Corporation
HMC187MS8_06GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER 0.85 - 2.0 GHz INPUT 1 2 3 4 5 MoreHittite Microwave Corporation
HMC204_08GaAs MMIC PASSIVE FREQUENCY DOUBLER 4 - 8 GHz INPUT 1 2 3 4 5 MoreHittite Microwave Corporation
HMC561LP3SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER 8 - 21 GHz OUTPUT 1 2 3 4 5 MoreHittite Microwave Corporation
HMC573LC3BSMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER 8 - 22 GHz OUTPUT 1 2 3 4 5 MoreHittite Microwave Corporation
HMC-XDH158GaAs MMIC X4 ACTIVE FREQUENCY MULTIPLIER 54 - 64 GHz OUTPUT 1 2 3 4 5 MoreHittite Microwave Corporation
HMC128G8_06GaAs MMIC SMT DOUBLEBALANCED MIXER 1.8 - 5 GHz 1 2 3 4 Hittite Microwave Corporation
HMC-C032GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE 18 - 29 GHz OUTPUT 1 2 3 4 5 MoreHittite Microwave Corporation
HMC-C031GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE 6 - 10 GHz OUTPUT 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl