Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

190MS8E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 190MS8E
Description  GaAs MMIC SPDT SWITCH DC - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

190MS8E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  190MS8E Datasheet HTML 1Page - Hittite Microwave Corporation 190MS8E Datasheet HTML 2Page - Hittite Microwave Corporation 190MS8E Datasheet HTML 3Page - Hittite Microwave Corporation 190MS8E Datasheet HTML 4Page - Hittite Microwave Corporation 190MS8E Datasheet HTML 5Page - Hittite Microwave Corporation 190MS8E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8
8 - 14
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Compression vs. Control Voltage
Caution: Do not operate in 1dB compression at power levels above +31dBm (Vctl = +5 Vdc) and do not “hot switch” power levels
greater than +20dBm (Vctl = +5Vdc).
DC blocks are required at ports RFC, RF1 and RF2.
Distortion vs. Control Voltage
Truth Table
*Control Input Voltage Tolerances are ± 0.2 Vdc.
Control Input
Third Order Intercept (dBm)
+7 dBm Each Tone
(Vdc)
900 MHz
1900 MHz
+5
50
49
+8
53
51
Carrier at 900 MHz
Carrier at 1900 MHz
Control
Input
Input Power
for 0.1 dB
Compression
Input Power
for 1.0 dB
Compression
Input Power
for 0.1 dB
Compression
Input Power
for 1.0 dB
Compression
(Volts)
(dBm)
(dBm)
(dBm)
(dBm)
+3
17
20
17
20
+5
25
30
24
29
+8
31
33
30
32
Control Input*
Control Current
Signal Path State
A
(Vdc)
B
(Vdc)
Ia
(uA)
Ib
(uA)
RF to RF1
RF to RF2
0
+3
-10
10
ON
OFF
+3
0
10
-10
OFF
ON
0
+5
-55
55
ON
OFF
+5
0
55
-55
OFF
ON
0+7
-210
210
ON
OFF
+7
0
210
-210
OFF
ON
0+8
-280
280
ON
OFF
+8
0
280
-280
OFF
ON
HMC190MS8 / 190MS8E
v02.0505
GaAs MMIC SPDT SWITCH
DC - 3 GHz


Similar Part No. - 190MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
190MS8E HITTITE-190MS8E Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
More results

Similar Description - 190MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8_08 Datasheet
178Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8 Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC545A AD-HMC545A Datasheet
341Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC545 HITTITE-HMC545 Datasheet
271Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com