Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC190MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC190MS8
Description  GaAs MMIC SPDT SWITCH DC - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC190MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC190MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC190MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC190MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC190MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC190MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC190MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
8 - 15
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Max. Input Power
V
CTL
= 0/+8V
0.5 GHz
0.5 - 2 GHz
+27 dBm
+34 dBm
Control Voltage Range (A & B)
-0.2 to +12 Vdc
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC190MS8 / 190MS8E
v02.0505
GaAs MMIC SPDT SWITCH
DC - 3 GHz
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC190MS8
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H190
XXXX
HMC190MS8E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H190
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.


Similar Part No. - HMC190MS8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
More results

Similar Description - HMC190MS8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC190MS8 HITTITE-HMC190MS8_05 Datasheet
195Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8_06 Datasheet
234Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC545 HITTITE-HMC545_08 Datasheet
199Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Analog Devices
HMC190BMS8 AD-HMC190BMS8 Datasheet
467Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC194MS8 HITTITE-HMC194MS8_08 Datasheet
178Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
HMC190MS8 HITTITE-HMC190MS8 Datasheet
176Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC545A AD-HMC545A Datasheet
341Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC545 HITTITE-HMC545 Datasheet
271Kb / 6P
   GaAs MMIC SPDT SWITCH, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com