Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC187MS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC187MS8
Description  GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.85 - 2.0 GHz INPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC187MS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC187MS8_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC187MS8_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC187MS8_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC187MS8_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC187MS8_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC187MS8_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6
6 - 13
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Input Drive
+27 dBm
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC187MS8 / 187MS8E
GaAs MMIC SMT PASSIVE FREQUENCY
DOUBLER, 0.85 - 2.0 GHz INPUT
v04.0505
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC187MS8
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H187
XXXX
HMC187MS8E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H187
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.


Similar Part No. - HMC187MS8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC187MS8 HITTITE-HMC187MS8 Datasheet
225Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.85 - 2.0 GHz INPUT
More results

Similar Description - HMC187MS8_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC187MS8 HITTITE-HMC187MS8 Datasheet
225Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.85 - 2.0 GHz INPUT
HMC187AMS8 HITTITE-HMC187AMS8 Datasheet
426Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.85 - 2.0 GHz INPUT
HMC189MS8 HITTITE-HMC189MS8 Datasheet
145Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC204C8 HITTITE-HMC204C8 Datasheet
201Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204C8 HITTITE-HMC204C8_06 Datasheet
261Kb / 6P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC204MS8G HITTITE-HMC204MS8G_06 Datasheet
210Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC189AMS8 HITTITE-HMC189AMS8 Datasheet
401Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 2 - 4 GHz INPUT
HMC156AC8 HITTITE-HMC156AC8 Datasheet
306Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC156C8 HITTITE-HMC156C8 Datasheet
133Kb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC158C8 HITTITE-HMC158C8 Datasheet
1Mb / 4P
   GaAs MMIC SMT PASSIVE FREQUENCY DOUBLER, 1.3 - 4.0 GHz INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com