Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC174MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC174MS8
Description  GaAs MMIC T/R SWITCH DC - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC174MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC174MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC174MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC174MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC174MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC174MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC174MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
14
14 - 9
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Insertion Loss
Isolation
Return Loss
25
30
35
40
45
2
4
6
8
10
12
BIAS (Volts)
1dB at 900MHz
0.1dB at 1900MHz
0.1dB at 900MHz
1db at 1900MHz
Input 0.1 and 1.0 dB
Compression vs. Bias Voltage
Input Third Order
Intercept vs. Bias Voltage
35
40
45
50
55
60
65
2
4
6
8
10
12
BIAS (Volts)
900MHz
1900MHz
HMC174MS8 / 174MS8E
GaAs MMIC T/R SWITCH
DC - 3 GHz
v02.0805
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
012
3
FREQUENCY (GHz)
-40
-30
-20
-10
0
012
3
FREQUENCY (GHz)
-40
-30
-20
-10
0
012
3
FREQUENCY (GHz)


Similar Part No. - HMC174MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
More results

Similar Description - HMC174MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC595 HITTITE-HMC595 Datasheet
343Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
HMC595 HITTITE-HMC595_08 Datasheet
231Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
logo
Analog Devices
HMC595A AD-HMC595A Datasheet
371Kb / 6P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
HMC574MS8 HITTITE-HMC574MS8_09 Datasheet
261Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC574AMS8E AD-HMC574AMS8E Datasheet
601Kb / 6P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC484MS8G HITTITE-HMC484MS8G_10 Datasheet
889Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G_08 Datasheet
277Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com