Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBL401 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # KBL401
Description  CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBL401 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  KBL401 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBL401 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
1
2
3
4
5
20
40
60
80
100
120
140
T , CASE TEMPERA TURE (ºC)
Fi g. 1 Forward Current Deratin g Curve
C
Single Phase Half Wave
60 Hz Resistive or Inductive Load
0.01
0.1
1.0
10
0
20
40
60
80
100
120
140
PERCENT
OF RA TED PEAK REVERSE
VOL TAGE (% )
Fig. 4 Typical Reverse Characteristics, per element
T = 100°C
C
T = 25°C
A
0
50
100
150
200
250
1
10
100
8.3ms Single Half Sine-W ave
JEDEC Method
NUMBER OF CYCLES
AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
0.01
0.1
1.0
20
0
0.2
0.4
0.6
0.8
1.0
1.2
1. 4
V , INST ANT ANEOUS FOR WARD V OLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
Tj = 25ºC
Pulse Width = 300 ms
2% Duty Cycle
10
RATING AND CHARACTERISTIC CURVES KBL4005 THRU KBL407


Similar Part No. - KBL401

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
KBL401 YFWDIODE-KBL401 Datasheet
474Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Surge Components
KBL401 SURGE-KBL401 Datasheet
115Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBL401 TSC-KBL401 Datasheet
258Kb / 2P
   Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
logo
Guangdong Juxing Electr...
KBL401 JUXING-KBL401 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
First Components Intern...
KBL401 FCI-KBL401 Datasheet
73Kb / 1P
   4.0 Amp SINGLE PHASE SILICON BRIDGE COMPACT SIZE
More results

Similar Description - KBL401

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBU4A DAESAN-KBU4A Datasheet
230Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ4A DAESAN-KBJ4A Datasheet
240Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ2A DAESAN-KBJ2A Datasheet
273Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
SM101 DAESAN-SM101 Datasheet
232Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com