Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5281B Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # 1N5281B
Description  0.5W SILICON PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1N5281B Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  1N5281B Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1N5281B Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. 1N5281B Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. 1N5281B Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N5221A/B THRU 1N5249A/B SILICON PLANAR ZENER DIODES
Zener Voltage range1)
Type
Maximum zener impedance1)
VZNOM3)
V
1N5221A/B
2.4
1N5222A/B
2.5
1N5223A/B
2.7
1N5224A/B
2.8
1N5225A/B
3.0
1N5226A/B
3.3
1N5227A/B
3.6
1N5228A/B
3.9
1N5229A/B
4.3
1N5230A/B
4.7
1N5231A/B
5.1
1N5232A/B
5.6
1N5233A/B
6.0
1N5234A/B
6.2
1N5235A/B
1N5236A/B
1N5237A/B
8.2
1N5238A/B
8.7
1N5239A/B
9.1
1N5240A/B
10
1N5241A/B
11
1N5242A/B
12
1N5243A/B
13
1N5244A/B
14
1N5245A/B
15
1N5246A/B
16
1N5247A/B
17
1N5248A/B
1N5249A/B
6.8
7.5
18
19
IzT
mA
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
Maximum Reverse
Leakage Current
Temp Coefficient
of zener voltage
rZjt and rZjk at IZK
Ω
Ω
<1200
<30
<1250
<1300
<1400
<29
<1600
<28
<1600
<24
<1700
<23
<1900
<22
<2000
<19
<1900
<17
<1600
<11
<1600
<7
<1600
<7
<1000
<5
<6
<8
<500
<8
<10
<17
<22
<30
<13
<15
<600
<16
<17
<19
<21
<23
<750
<500
mA
0.25
IR2) at VR
μA
V
<100
<100
<75
<75
<50
1.0
<25
<15
<10
2.0
5
2.0
3.0
3.5
4.0
3
6.5
6.5
7.0
8.0
<2
8.4
<1
9.1
<0.5
9.9
10
11
<0.1
12
13
5.0
6.0
14
14
TKVZ
%/K
<-0.085
<-0.085
<-0.080
<-0.080
<-0.075
<-0.070
<-0.065
<-0.060
<+0.055
<+0.030
<+0.030
<+0.038
<+0.038
<+0.045
<+0.062
<+0.065
<+0.068
<+0.075
<+0.076
<+0.077
<+0.079
<+0.082
<+0.082
<+0.083
<+0.084
<+0.050
<+0.058
<+0.085
<+0.086


Similar Part No. - 1N5281B

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N5281B CENTRAL-1N5281B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
logo
First Components Intern...
1N5281B FCI-1N5281B Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
Tak Cheong Electronics ...
1N5281B TAK_CHEONG-1N5281B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Central Semiconductor C...
1N5281B CENTRAL-1N5281B Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
New Jersey Semi-Conduct...
1N5281B NJSEMI-1N5281B Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
More results

Similar Description - 1N5281B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jing Heng Electro...
BZX55-B2V0 JINGHENG-BZX55-B2V0 Datasheet
128Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com