Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4946G Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # 1N4946G
Description  CURRENT 1.0 Ampere VOLTAGE 200 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1N4946G Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  1N4946G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1N4946G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4942G THRU 1N4948G
Features
Mechanical Data
· Fast switching
· Low leakage current
· Low forward voltage drop
· High current capability
· Glass passivated junction
· High reliability capability
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-41 molded plastic body
· Terminals : Plated axial lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.012 ounce, 0.34 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 1.0 Ampere
VOLTAGE 200 to 1000 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length at TA=55℃
Maximum instantaneous forward voltage
at 1.0A
VRRM
Volts
Symbols
Units
1.3
VF
VRMS
1.0
Amps
30.0
IFSM
TJ
TSTG
100
-65 to +175
Volts
Amp
Maximum DC reverse current at rated DC
blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating junction and storage
temperature range
200
1N4942G
140
200
400
280
400
5.0
Volts
μA
ns
pF
I(AV)
IR
Trr
15.0
CJ
1N4944G
600
1N4946G
420
600
800
1N4947G
560
800
1000
1N4948G
700
1000
Maximum full load reverse current full cycle
average. 0.375"(9.5mm) lead length at
TL=55℃
250
500
150
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
Dimensions in inches and (millimeters)
DO-41
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.205(5.2)
0.166(4.2)
0.034(0.9)
0.028(0.7)
DIA.
0.107(2.7)
0.080(2.0)
DIA.


Similar Part No. - 1N4946G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4946G RECTRON-1N4946G Datasheet
26Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
1N4946G LRC-1N4946G Datasheet
199Kb / 7P
   Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
logo
Bytes
1N4946G BYTES-1N4946G Datasheet
153Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1N4946G LRC-1N4946G Datasheet
199Kb / 7P
   Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 200 to 1000V Forward Current 1.0A
logo
Formosa MS
1N4946G FORMOSA-1N4946G Datasheet
33Kb / 2P
   1.0 AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS
More results

Similar Description - 1N4946G

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
CD2S CHENDA-CD2S Datasheet
949Kb / 3P
   200 to 1000 Volts Current - 1.0 Ampere
logo
Chenmko Enterprise Co. ...
1N4942PT CHENMKO-1N4942PT Datasheet
88Kb / 2P
   VOLTAGE RANGE 200 - 1000 Volts CURRENT 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
BA157G DAESAN-BA157G Datasheet
322Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 400 to 1000 Volts
1H1G DAESAN-1H1G Datasheet
284Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
DF005 DAESAN-DF005 Datasheet
176Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com