Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBJ25K Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # KBJ25K
Description  CURRENT 25.0 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

KBJ25K Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  KBJ25K Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. KBJ25K Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES KBJ25A THRU KBJ25M
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
V , INS TANTANE OUS F OR WAR D V OLTAG E (V )
F ig. 2 Typical F orward C haracteristics (p
F
er element)
2.0
100
P ulse width = 300µ
s
T = 25°C
j
1
10
100
NUMB E R OF C Y
C LE S
AT 60 Hz
F ig. 3 Maximum Non-R epetitive S urge C urrent
T = 25°C
j
S ingle half-sine-wave
(J E DE C method)
0
100
200
300
400
1
100
1000
1.0
10
100
V , R E V E R S E V OLTAG E (V )
F ig. 4 Typical J unction C apacitance
R
10
T = 25°C
J
f = 1MHz
0.1
1.0
10
100
1000
0
20
40
60
80
100
120
140
P E R C E NT OF R AT E D P E AK R E V E R S E V OLTAG E (%
)
F ig. 5 Typical R everse C haracteristics
T = 150°C
j
T = 125°C
j
T = 100°C
j
T = 25°C
j
0
5
10
15
20
25
30
25
50
75
100
125
150
T , C AS E T E MP E R AT UR E (°C )
F ig. 1 F orward C urrent Derating C urve
C
R esistive or
Inductive load
with heatsink
without heatsink


Similar Part No. - KBJ25K

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBJ25K WTE-KBJ25K Datasheet
49Kb / 3P
   25A BRIDGE RECTIFIER
KBJ25K WTE-KBJ25K Datasheet
76Kb / 4P
   25A SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
KBJ25K BILIN-KBJ25K Datasheet
140Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBJ25K CHENG-YI-KBJ25K Datasheet
159Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBJ25K LUGUANG-KBJ25K Datasheet
156Kb / 2P
   Silicon Bridge Rectifiers
More results

Similar Description - KBJ25K

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBPC25005 DAESAN-KBPC25005 Datasheet
231Kb / 2P
   CURRENT 25.0 Amperes VOLTAGE 50 to 1000 Volts
AR2505 DAESAN-AR2505 Datasheet
269Kb / 2P
   CURRENT 25.0 Amperes VOLTAGE 50 TO 1000 VOLTS
SM101 DAESAN-SM101 Datasheet
232Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
KBJ6A DAESAN-KBJ6A Datasheet
231Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBL4005 DAESAN-KBL4005 Datasheet
178Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBPC10005 DAESAN-KBPC10005 Datasheet
239Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR601 DAESAN-FR601 Datasheet
314Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
   CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com