Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC137 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC137
Description  GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC137 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC137 Datasheet HTML 1Page - Hittite Microwave Corporation HMC137 Datasheet HTML 2Page - Hittite Microwave Corporation HMC137 Datasheet HTML 3Page - Hittite Microwave Corporation HMC137 Datasheet HTML 4Page - Hittite Microwave Corporation HMC137 Datasheet HTML 5Page - Hittite Microwave Corporation HMC137 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4
4 - 15
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
-20
-15
-10
-5
0
4
5
6
7
8
9
10
11
12
FREQUENCY (GHz)
-2
-1
0
1
2
456
7
8
9
10
11
12
FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
4
5678
9
10
11
12
FREQUENCY (GHz)
0
10
20
30
40
50
6789
10
11
12
CARRIER FREQUENCY (GHz)
-20
-15
-10
-5
0
2
3
4
5
6
7
8
9
10 11
12
13
14
FREQUENCY (GHz)
Return Loss
Insertion Loss
Amplitude Balance
Phase Balance
Carrier Suppression *
* (For 1.4 Vp-p Square Wave Modulation at 1 MHz)
HMC137
v03.1007
GaAs MMIC BI-PHASE
MODULATOR, 6 - 11 GHz


Similar Part No. - HMC137

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC137 HITTITE-HMC137 Datasheet
126Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
HMC137 HITTITE-HMC137 Datasheet
458Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
logo
Micross Components
HMC137 MICROSS-HMC137 Datasheet
1Mb / 9P
   Direct Modulation in the 6 - 11 GHz Band
logo
Hittite Microwave Corpo...
HMC137 HITTITE-HMC137_09 Datasheet
458Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
More results

Similar Description - HMC137

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC137 HITTITE-HMC137_09 Datasheet
458Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
HMC137 HITTITE-HMC137 Datasheet
126Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
HMC136 HITTITE-HMC136_07 Datasheet
450Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC135 HITTITE-HMC135 Datasheet
122Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC135 HITTITE-HMC135_09 Datasheet
451Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC136 HITTITE-HMC136_09 Datasheet
450Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC135 HITTITE-HMC135_07 Datasheet
452Kb / 6P
   GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC136 HITTITE-HMC136 Datasheet
115Kb / 4P
   GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
logo
List of Unclassifed Man...
DPMB9058 ETC1-DPMB9058 Datasheet
31Kb / 1P
   GaAs Bi-Phase Modulator
DBP0738 ETC1-DBP0738 Datasheet
27Kb / 1P
   GaAs Bi-Phase Modulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com