Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVAL-ADF4360-8EB1 Datasheet(PDF) 8 Page - Analog Devices

Part # EVAL-ADF4360-8EB1
Description  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADF4360-8EB1 Datasheet(HTML) 8 Page - Analog Devices

Back Button EVAL-ADF4360-8EB1 Datasheet HTML 4Page - Analog Devices EVAL-ADF4360-8EB1 Datasheet HTML 5Page - Analog Devices EVAL-ADF4360-8EB1 Datasheet HTML 6Page - Analog Devices EVAL-ADF4360-8EB1 Datasheet HTML 7Page - Analog Devices EVAL-ADF4360-8EB1 Datasheet HTML 8Page - Analog Devices EVAL-ADF4360-8EB1 Datasheet HTML 9Page - Analog Devices EVAL-ADF4360-8EB1 Datasheet HTML 10Page - Analog Devices EVAL-ADF4360-8EB1 Datasheet HTML 11Page - Analog Devices EVAL-ADF4360-8EB1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4360-8
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–150
–120
–130
–140
–70
–60
–90
–100
–110
–80
–40
–50
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 4. Open-Loop VCO Phase Noise, L1, L2 = 560 nH
–150
–125
–130
–120
–135
–140
–145
–85
–80
–95
–100
–105
–110
–115
–90
–70
–75
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 5. VCO Phase Noise, 65 MHz, 1 MHz PFD, 100 kHz Loop Bandwidth
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2kHz
–1kHz
65MHz
1kHz
2kHz
–107.4dBc/Hz
REFERENCE
LEVEL = –2.5dBm
VDD = 3.3V, VVCO = 3.3V
ICP = 2.5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES. BANDWIDTH = 30Hz
VIDEO BANDWIDTH = 30Hz
SWEEP = 1.9SECONDS
AVERAGES = 20
Figure 6. Close-In Phase Noise at 65 MHz (1 MHz Channel Spacing)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–1.1MHz
–0.55MHz
65MHz
0.55MHz
1.1MHz
–84dBc
REFERENCE
LEVEL = –2.5dBm
VDD = 3.3V, VVCO =3.3V
ICP =2.5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 100kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 4.2SECONDS
AVERAGES = 20
Figure 7. Reference Spurs at 65 MHz
(1 MHz Channel Spacing, 100 kHz Loop Bandwidth)
–150
–120
–130
–140
–70
–60
–90
–100
–110
–80
–40
–50
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 8. Open-Loop VCO Phase Noise, L1, L2 = 110 nH
–150
–125
–130
–120
–135
–140
–145
–85
–80
–95
–100
–105
–110
–115
–90
–70
–75
100
1k
10k
100k
1M
10M
FREQUENCY OFFSET (Hz)
Figure 9. VCO Phase Noise, 160 MHz, 1 MHz PFD, 100 kHz Loop Bandwidth


Similar Part No. - EVAL-ADF4360-8EB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4360-1EB1 AD-EVAL-ADF4360-1EB1 Datasheet
857Kb / 24P
   Integrated Synthesizer and VCO
REV. B
EVAL-ADF4360-4EB1 AD-EVAL-ADF4360-4EB1 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
EVAL-ADF4360-5EB1 AD-EVAL-ADF4360-5EB1 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
EVAL-ADF4360-6EB1 AD-EVAL-ADF4360-6EB1 Datasheet
479Kb / 24P
   Integrated Synthesizer and VCO
REV. A
More results

Similar Description - EVAL-ADF4360-8EB1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com