Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4061CDGNR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4061CDGNR
Description  180-MHz HIGH-SPEED AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4061CDGNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4061CDGNR Datasheet HTML 4Page - Texas Instruments THS4061CDGNR Datasheet HTML 5Page - Texas Instruments THS4061CDGNR Datasheet HTML 6Page - Texas Instruments THS4061CDGNR Datasheet HTML 7Page - Texas Instruments THS4061CDGNR Datasheet HTML 8Page - Texas Instruments THS4061CDGNR Datasheet HTML 9Page - Texas Instruments THS4061CDGNR Datasheet HTML 10Page - Texas Instruments THS4061CDGNR Datasheet HTML 11Page - Texas Instruments THS4061CDGNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
THS4061, THS4062
180MHz HIGHSPEED AMPLIFIERS
SLOS234E − DECEMBER 1998 − REVISED DECEMBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
FIGURE
IIB
Input bias current
vs Free-air temperature
3
VIO
Input offset voltage
vs Free-air temperature
4
Open-loop gain
vs Frequency
5
Phase
vs Frequency
5
Differential gain
vs Number of loads
6, 8
Differential phase
vs Number of loads
7, 9
Closed-loop gain
vs Frequency
10, 11
Output amplitude
vs Frequency
12, 13
CMRR
Common-mode rejection ratio
vs Frequency
14
PSRR
Power supply rejection ratio
vs Frequency
15
PSRR
Power supply rejection ratio
vs Free-air temperature
16
VO(PP) Output voltage swing
vs Supply voltage
17
ICC
Supply current
vs Free-air temperature
18
Env
Noise spectral density
vs Frequency
19
THD
Total harmonic distortion
vs Frequency
20, 21
Crosstalk
vs Frequency
22, 23


Similar Part No. - THS4061CDGNR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4061CDGNR NSC-THS4061CDGNR Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4061CDGNR TI1-THS4061CDGNR Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061CDGNRG4 NSC-THS4061CDGNRG4 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
More results

Similar Description - THS4061CDGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4061 TI-THS4061 Datasheet
326Kb / 22P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
[Old version datasheet]   180-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4061 NSC-THS4061 Datasheet
985Kb / 32P
    180 MHz High Speed AMPLIFIERS
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
   175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
logo
National Semiconductor ...
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
   70 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
[Old version datasheet]   70-MHz HIGH-SPEED AMPLIFIERS
THS4041 TI-THS4041 Datasheet
479Kb / 28P
[Old version datasheet]   165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
THS4081 TI-THS4081 Datasheet
384Kb / 24P
[Old version datasheet]   175-MHz LOW-POWER HIGH-SPEED AMPLIFIERS
THS4031 TI-THS4031 Datasheet
674Kb / 38P
[Old version datasheet]   100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com